Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95320-DL6TP Datasheet(PDF) 1 Page - STMicroelectronics

Part # M95320-DL6TP
Description  64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-DL6TP Datasheet(HTML) 1 Page - STMicroelectronics

  M95320-DL6TP Datasheet HTML 1Page - STMicroelectronics M95320-DL6TP Datasheet HTML 2Page - STMicroelectronics M95320-DL6TP Datasheet HTML 3Page - STMicroelectronics M95320-DL6TP Datasheet HTML 4Page - STMicroelectronics M95320-DL6TP Datasheet HTML 5Page - STMicroelectronics M95320-DL6TP Datasheet HTML 6Page - STMicroelectronics M95320-DL6TP Datasheet HTML 7Page - STMicroelectronics M95320-DL6TP Datasheet HTML 8Page - STMicroelectronics M95320-DL6TP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1/39
November 2003
M95640
M95320
64Kbit and 32Kbit Serial SPI Bus EEPROM
With High Speed Clock
FEATURES SUMMARY
s
Compatible with SPI Bus Serial Interface
(Positive Clock SPI Modes)
s
Single Supply Voltage:
– 4.5 to 5.5V for M95xxx
– 2.5 to 5.5V for M95xxx-W
– 1.8 to 5.5V for M95xxx-R
s
10MHz, 5MHz or 2MHz clock rate (depending
on ordering options)
s
5ms or 10ms Write Time (depending on
ordering options)
s
Status Register
s
Hardware Protection of the Status Register
s
BYTE and PAGE WRITE (up to 32 Bytes)
s
Self-Timed Programming Cycle
s
Adjustable Size Read-Only EEPROM Area
s
Enhanced ESD Protection
s
More than 100,000 or 1 million Erase/Write
Cycles (depending on ordering options)
s
More than 40 Year Data Retention
Figure 1. Packages
PDIP8 (BN)
0.25 mm frame
8
1
SO8 (MN)
150 mil width
8
1
TSSOP8 (DW)
169 mil width
TSSOP14 (DL)
169 mil width


Similar Part No. - M95320-DL6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95320-DL6T STMICROELECTRONICS-M95320-DL6T Datasheet
164Kb / 19P
64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
21-Nov-2003
More results

Similar Description - M95320-DL6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C64 STMICROELECTRONICS-M24C64 Datasheet
394Kb / 26P
64Kbit and 32Kbit Serial I²C Bus EEPROM
05-Jan-2005
M95640-S STMICROELECTRONICS-M95640-S Datasheet
768Kb / 42P
32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
24-May-2005
logo
Asahi Kasei Microsystem...
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
SPI bus 64Kbit Serial CMOS EEPROM
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
SPI bus 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25CA322 SANYO-LE25CA322 Datasheet
223Kb / 14P
Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25LA322 SANYO-LE25LA322 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
Serial SPI EEPROM (SPI Bus)(64Kbit)
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
logo
Shenzhen Huazhimei Semi...
HM24C32 HMSEMI-HM24C32 Datasheet
813Kb / 16P
32Kbit and 64Kbit Serial IC bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com