Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7262BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD7262BCPZ
Description  1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7262BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7262BCPZ Datasheet HTML 4Page - Analog Devices AD7262BCPZ Datasheet HTML 5Page - Analog Devices AD7262BCPZ Datasheet HTML 6Page - Analog Devices AD7262BCPZ Datasheet HTML 7Page - Analog Devices AD7262BCPZ Datasheet HTML 8Page - Analog Devices AD7262BCPZ Datasheet HTML 9Page - Analog Devices AD7262BCPZ Datasheet HTML 10Page - Analog Devices AD7262BCPZ Datasheet HTML 11Page - Analog Devices AD7262BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Data Sheet
AD7262
Rev. B | Page 7 of 32
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VDRIVE to DGND
−0.3 V to AVCC
VDRIVE to AGND
−0.3 V to AVCC
AVCC to AGND/DGND
−0.3 V to +7 V
CA_CBVCC to CA_CB_GND
−0.3 V to +7 V
CC_CDVCC to CC_CD_GND
−0.3 V to +7 V
AGND to DGND
−0.3 V to +0.3 V
CA_CB_GND/CC_CD_GND to DGND
−0.3 V to +0.3 V
Analog Input Voltage to AGND
−0.3 V to AVCC + 0.3 V
Digital Input Voltage to DGND
−0.3 V to +7 V
Digital Output Voltage to GND
−0.3 V to VDRIVE + 0.3 V
VREFA/VREFB Input to AGND
−0.3 V to AVCC + 0.3 V
COUTA/COUTB/COUTC/COUTD to GND
−0.3 V to VDRIVE + 0.3 V
CA±/CB±/CC±/CD± to
CA_CB_GND/CC_CD_GND
−0.3 V to
CA_CBVCC/CC_CDVCC + 0.3 V
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
LFCSP
θJA Thermal Impedance
30°C/W
θJC Thermal Impedance
3°C/W
LQFP
θJA Thermal Impedance
55°C/W
θJC Thermal Impedance
16°C/W
Pb-Free Temperature, Soldering
Reflow
255°C
ESD
2 kV
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com