Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7682BCPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7682BCPZ
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682BCPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7682BCPZ Datasheet HTML 12Page - Analog Devices AD7682BCPZ Datasheet HTML 13Page - Analog Devices AD7682BCPZ Datasheet HTML 14Page - Analog Devices AD7682BCPZ Datasheet HTML 15Page - Analog Devices AD7682BCPZ Datasheet HTML 16Page - Analog Devices AD7682BCPZ Datasheet HTML 17Page - Analog Devices AD7682BCPZ Datasheet HTML 18Page - Analog Devices AD7682BCPZ Datasheet HTML 19Page - Analog Devices AD7682BCPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
AD7682/AD7689
Data Sheet
Rev. H | Page 16 of 35
–60
–70
–80
–90
–100
–110
–120
0
50
100
150
200
FREQUENCY (kHz)
VREF = VDD = 5V, –0.5dB
VREF = VDD = 2.5V, –0.5dB
VREF = VDD = 2.5V, –10dB
VREF = VDD = 5V, –10dB
Figure 20. THD vs. Frequency
95
94
93
92
91
90
89
88
87
86
85
–10
INPUT LEVEL (dB)
–8
–6
–2
0
–4
fIN = 20kHz
VREF = VDD = 5V
VREF = VDD = 2.5V
Figure 21. SNR vs. Input Level
3
2
1
0
–1
–2
–3
–55
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
105
125
UNIPOLAR ZERO
UNIPOLAR GAIN
BIPOLAR ZERO
BIPOLAR GAIN
Figure 22. Offset and Gain Errors vs. Temperature
3000
2750
2500
2250
2000
1750
1500
1250
1000
100
90
80
70
60
50
40
30
20
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD SUPPLY (V)
2.5V INTERNAL REF
4.096V INTERNAL REF
INTERNAL BUFFER, TEMP ON
INTERNAL BUFFER, TEMP OFF
EXTERNAL REF, TEMP ON
EXTERNAL REF, TEMP OFF
VIO
fS = 200kSPS
Figure 23. Operating Currents vs. Supply
3000
2750
2500
2250
2000
1750
1500
1250
1000
180
160
140
120
100
80
60
40
20
–55
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
105
125
fS = 200kSPS
VDD = 5V, INTERNAL 4.096V REF
VDD = 5V, EXTERNAL REF
VDD = 2.5, EXTERNAL REF
VIO
Figure 24. Operating Currents vs. Temperature
SDO CAPACITIVE LOAD (pF)
120
0
20
40
60
80
100
25
20
15
10
5
0
VDD = 2.5V, 85°C
VDD = 3.3V, 25°C
VDD = 3.3V, 85°C
VDD = 5V, 85°C
VDD = 5V, 25°C
VDD = 2.5V, 25°C
Figure 25. tDSDO Delay vs. SDO Capacitance Load and Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com