Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7765 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7765
Description  Sigma-Delta ADC On-Chip Buffers and Serial Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7765 Datasheet HTML 9Page - Analog Devices AD7765 Datasheet HTML 10Page - Analog Devices AD7765 Datasheet HTML 11Page - Analog Devices AD7765 Datasheet HTML 12Page - Analog Devices AD7765 Datasheet HTML 13Page - Analog Devices AD7765 Datasheet HTML 14Page - Analog Devices AD7765 Datasheet HTML 15Page - Analog Devices AD7765 Datasheet HTML 16Page - Analog Devices AD7765 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AD7765
Rev. A | Page 12 of 32
0
20k
30k
10k
FREQUENCY (Hz)
0
–25
–50
–75
–100
–125
–150
–175
Figure 12. Normal Power Mode; FFT, 1 kHz, −6 dB Input Tone,
256× Decimation Rate
40
35
30
25
20
15
10
5
0
0
10
20
30
45
40
5
15
25
35
MCLK FREQUENCY (MHz)
DVDD
AVDD2
AVDD3
AVDD4
AVDD1
Figure 13. Normal Power Mode; Current Consumption vs. MCLK Frequency,
128× Decimation Rate
40
35
30
25
20
15
10
5
0
0
10
20
30
40
5
15
25
35
MCLK FREQUENCY (MHz)
AVDD1
DVDD
AVDD2
AVDD3
AVDD4
Figure 14. Normal Power Mode; Current Consumption vs. MCLK Frequency,
256× Decimation Rate
0
35k
30k
25k
20k
15k
10k
5k
FREQUENCY (Hz)
0
–25
–50
–75
–100
–125
–150
–175
Figure 15. Low Power Mode; FFT, 1 kHz, −6 dB Input Tone,
256× Decimation Rate
25
20
15
10
5
0
0
10
20
30
45
40
5
15
25
35
MCLK FREQUENCY (MHz)
DVDD
AVDD2
AVDD4
AVDD1
AVDD3
Figure 16. Low Power Mode; Current Consumption vs. MCLK Frequency,
128× Decimation Rate
20
18
16
14
12
10
8
6
4
2
0
0
10
20
30
40
5
15
25
35
MCLK FREQUENCY (MHz)
DVDD
AVDD2
AVDD3
AVDD4
AVDD1
Figure 17. Low Power Mode; Current Consumption vs. MCLK Frequency,
256× Decimation Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com