Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7980ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7980ARMZ
Description  16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD7980ARMZ Datasheet HTML 1Page - Analog Devices AD7980ARMZ Datasheet HTML 2Page - Analog Devices AD7980ARMZ Datasheet HTML 3Page - Analog Devices AD7980ARMZ Datasheet HTML 4Page - Analog Devices AD7980ARMZ Datasheet HTML 5Page - Analog Devices AD7980ARMZ Datasheet HTML 6Page - Analog Devices AD7980ARMZ Datasheet HTML 7Page - Analog Devices AD7980ARMZ Datasheet HTML 8Page - Analog Devices AD7980ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
Data Sheet
AD7980
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
16-bit resolution with no missing codes
Throughput: 1 MSPS
Low power dissipation
4 mW at 1 MSPS (VDD only)
7 mW at 1 MSPS (total)
70 µW at 10 kSPS
INL: ±0.6 LSB typical, ±1.25 LSB maximum
SINAD: 91.25 dB at 10 kHz
THD: −110 dB at 10 kHz
Pseudo differential analog input range
0 V to VREF with VREF between 2.5 V to 5 V
No pipeline delay
Single-supply 2.5 V operation with 1.8 V/2.5 V/3 V/5 V
logic interface
Proprietary serial interface
SPI/QSPI/MICROWIRE™/DSP compatible
Daisy-chain multiple ADCs and busy indicator
10-lead MSOP and 10-lead, 3 mm × 3 mm LFCSP,
same space as SOT-23
Wide operating temperature range: −40°C to +125°C
APPLICATIONS
Battery-powered equipment
Communications
Automatic test equipment (ATE)
Data acquisitions
Medical instruments
TYPICAL APPLICATION CIRCUIT
Figure 1.
GENERAL DESCRIPTION
The AD79801 is a 16-bit, successive approximation, analog-to-
digital converter (ADC) that operates from a single power supply,
VDD. It contains a low power, high speed, 16-bit sampling ADC
and a versatile serial interface port. On the CNV rising edge, it
samples an analog input, IN+, between 0 V to REF with respect
to a ground sense, IN−. The reference voltage, REF, is applied
externally and can be set independent of the supply voltage,
VDD. Its power scales linearly with throughput.
The SPI-compatible serial interface also features the ability,
using the SDI input, to daisy-chain several ADCs on a single,
3-wire bus and provides an optional busy indicator. It is compatible
with 1.8 V, 2.5 V, 3 V, or 5 V logic, using the separate supply VIO.
The AD7980 is housed in a 10-lead MSOP or a 10-lead LFCSP
with operation specified from −40°C to +125°C.
1
Protected by U.S. Patent 6,703,961.
Table 1. MSOP, LFCSP 14-/16-/18-/20-Bit Precision SAR ADCs and Integrated SAR ADC µModules
Type
100 kSPS
250 kSPS
400 kSPS to 500 kSPS
≥1000 kSPS
µModule Data
Acquisition System
20-Bit
AD40201
18-Bit
AD7989-11
AD76911
AD40111
AD40031
AD76901
AD40071
AD7989-51
AD79821
AD79841
16-Bit
AD7680
AD76851
AD76861
AD40011
ADAQ7980
AD7683
AD76871
AD76881
AD40051
ADAQ7988
AD7684
AD7694
AD76931
AD40001
AD7988-11
AD7988-51
AD40041
AD79161
AD79801
AD40081
AD79831
14-Bit
AD7940
AD79421
AD79461
1
Pin for pin compatible.
AD7980
REF
GND
VDD
IN+
IN–
VIO
SDI
SCK
SDO
CNV
1.8V TO 5.0V
3- OR 4-WIRE INTERFACE
(SPI, DAISY CHAIN, CS)
2.5V TO 5V
2.5V
0 TO VREF


Similar Part No. - AD7980ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7980ARMZ AD-AD7980ARMZ Datasheet
485Kb / 28P
16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. C
AD7980ARMZRL7 AD-AD7980ARMZRL7 Datasheet
485Kb / 28P
16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. C
More results

Similar Description - AD7980ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7980 AD-AD7980 Datasheet
1Mb / 22P
16-bit, 1 MSPS PulSAR ADC in MSOP/QFN
AD7980BRMZRL7 AD-AD7980BRMZRL7 Datasheet
411Kb / 28P
16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7980 AD-AD7980_13 Datasheet
485Kb / 28P
16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. C
AD7980-EP AD-AD7980-EP Datasheet
292Kb / 12P
16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
14-Apr-2017
AD7983 AD-AD7983_17 Datasheet
584Kb / 25P
16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
14-Apr-2017
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
23-Feb-2017
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
PulSAR ADC in MSOP and LFCSP
15-Jul-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com