Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7982 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7982
Description  18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7982 Datasheet HTML 17Page - Analog Devices AD7982 Datasheet HTML 18Page - Analog Devices AD7982 Datasheet HTML 19Page - Analog Devices AD7982 Datasheet HTML 20Page - Analog Devices AD7982 Datasheet HTML 21Page - Analog Devices AD7982 Datasheet HTML 22Page - Analog Devices AD7982 Datasheet HTML 23Page - Analog Devices AD7982 Datasheet HTML 24Page - Analog Devices AD7982 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AD7982
Data Sheet
Rev. D | Page 20 of 25
CS MODE, 4-WIRE WITHOUT BUSY INDICATOR
CS mode, 4-wire without busy indicator is usually used when
multiple AD7982 devices are connected to an SPI-compatible
digital host.
A connection diagram example using two AD7982 devices is
shown in Figure 33, and the corresponding timing is given in
Figure 34.
With SDI high, a rising edge on CNV initiates a conversion,
selects the CS mode, and forces SDO to high impedance. In this
mode, CNV must be held high during the conversion phase and
the subsequent data readback. If SDI and CNV are low, SDO is
driven low. Prior to the minimum conversion time, SDI can
select other SPI devices, such as analog multiplexers, but SDI
must be returned high before the minimum conversion time
elapses and then held high for the maximum possible
conversion time to avoid the generation of the busy signal
indicator.
When the conversion completes, the AD7982 enters the
acquisition phase and powers down. Each ADC result can be
read by bringing its SDI input low, which consequently outputs
the MSB onto SDO. The remaining data bits are then clocked by
subsequent SCK falling edges. The data is valid on both SCK
edges. Although the rising edge can capture the data, a digital
host using the SCK falling edge allows a faster reading rate,
provided it has an acceptable hold time. After the 18th SCK
falling edge or when SDI goes high (whichever occurs first), SDO
returns to high impedance and another AD7982 can be read.
AD7982
SDI
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
CS1
CS2
AD7982
SDI
SDO
CNV
SCK
Figure 33. CS Mode, 4-Wire Without Busy Indicator Connection Diagram
SDO
D17
D16
D15
D1
D0
tDIS
SCK
12
3
34
35
36
tHSDO
tDSDO
tEN
CONVERSION
ACQUISITION
tCONV
tCYC
tACQ
ACQUISITION
SDI(CS1)
CNV
tSSDICNV
tHSDICNV
D1
16
17
tSCK
tSCKL
tSCKH
D0
D17
D16
19
20
18
SDI(CS2)
Figure 34. CS Mode, 4-Wire Without Busy Indicator Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com