Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1567 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC1567
Description  Silicon PNP epitaxial planar type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC1567 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC1567 Datasheet HTML 1Page - Panasonic Semiconductor 2SC1567 Datasheet HTML 2Page - Panasonic Semiconductor 2SC1567 Datasheet HTML 3Page - Panasonic Semiconductor 2SC1567 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA0794, 2SA0794A
2
SJD00001BED
IC  VBE
VCE(sat)  IC
VBE(sat)  IC
PC  Ta
IC  VCE
IC  IB
hFE  IC
fT  IE
Cob  VCB
0
160
40
120
80
0
1.6
1.2
0.8
0.4
Ambient temperature T
a (°C)
0
0
−12
−2
−10
−4
−8
−6
−1.2
−1.0
− 0.8
− 0.6
− 0.4
− 0.2
TC
= 25°C
IB
= −20 mA
−2 mA
−4 mA
−6 mA
−8 mA
−18 mA
−10 mA
−12 mA
−16 mA
−14 mA
Collector-emitter voltage V
CE (V)
0
0
−4
−8
−12
−2
−6
−14
−10
−1.2
−1.0
− 0.8
− 0.6
− 0.4
− 0.2
VCE
= −10 V
TC
= 25°C
Base current I
B (mA)
0
0
−1.0
− 0.8
− 0.6
− 0.4
− 0.2
− 0.6
− 0.5
− 0.4
− 0.3
− 0.2
− 0.1
VCE
= −10 V
Ta
= 125°C
−25°C
75
°C
Base-emitter voltage V
BE (V)
− 0.01
− 0.1
−1
− 0.01
− 0.1
−1
IC / IB
= 10
TC
= 100°C
25
°C
−25°C
Collector current I
C (A)
− 0.01
− 0.01
− 0.1
−1
− 0.1
−1
IC / IB
= 10
TC
= −25°C
25
°C
100
°C
Collector current I
C (A)
10
1 000
100
− 0.01
− 0.1
−1
VCE
= −10 V
TC
= 100°C
25
°C
−25°C
Collector current I
C (A)
1
10
100
0
40
80
120
200
160
VCB
= −10 V
f
= 200 MHz
TC
= 25°C
Emitter current I
E (mA)
−1
−10
−100
0
50
40
30
20
10
IE
= 0
f
= 1 MHz
TC
= 25°C
Collector-base voltage V
CB (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com