Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5863 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC5863
Description  Silicon NPN epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5863 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC5863 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5863 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5863 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5863
2
SJC00290AED
PC  Ta
IC  VCE
IC  VBE
VCE(sat)  IC
hFE  IC
Cob  VCB
0
160
60
20
80
120 140
40
100
0
250
200
150
100
50
Ambient temperature T
a (°C)
0
1.4
0.4
0.6
0.2
1.2
0.8
1.0
0
120
100
80
60
40
20
VCE
= 10 V
Ta
= 85°C
−25°C
25
°C
Base-emitter voltage V
BE (V)
0.01
0.1
10
1
10
1
100
1 000
IC / IB
= 10
0.1
Ta
= 85°C
25
°C
−25°C
Collector current I
C (mA)
1
10
100
0
200
160
120
80
40
VCE
= 10 V
Ta
= 85°C
25
°C
−25°C
Collector current I
C (mA)
0
10203040
1
100
10
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)
0
012
210
48
6
80
70
Collector-emitter voltage V
CE (V)
60
50
40
30
20
0.3 mA
0.4 mA
0.2 mA
0.1 mA
0.5 mA
0.6 mA
0.7 mA
0.8 mA
0.9 mA IB = 1.0 mA
10
Ta
= 25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com