Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9V024 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MT9V024
Description  1/3-Inch Wide VGA CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 4 Page - ON Semiconductor

  MT9V024 Datasheet HTML 1Page - ON Semiconductor MT9V024 Datasheet HTML 2Page - ON Semiconductor MT9V024 Datasheet HTML 3Page - ON Semiconductor MT9V024 Datasheet HTML 4Page - ON Semiconductor MT9V024 Datasheet HTML 5Page - ON Semiconductor MT9V024 Datasheet HTML 6Page - ON Semiconductor MT9V024 Datasheet HTML 7Page - ON Semiconductor MT9V024 Datasheet HTML 8Page - ON Semiconductor MT9V024 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MT9V024/D
www.onsemi.com
4
BALL DESCRIPTIONS
Table 3. BALL DESCRIPTIONS
52−Ball IBA
Numbers
Symbol
Type
Descriptions
H7
RSVD
Input
Connect to DGND
D2
SER_DATAIN_N
Input
Serial data in for stereoscopy (differential negative). Tie to 1 kW pull−up (to 3.3 V)
in non−stereoscopy mode
D1
SER_DATAIN_P
Input
Serial data in for stereoscopy (differential positive). Tie to DGND in
non−stereoscopy mode
C2
BYPASS_CLKIN_N
Input
Input bypass shift−CLK (differential negative). Tie to 1 kW pull−up
(to 3.3 V) in non−stereoscopy mode
C1
BYPASS_CLKIN_P
Input
Input bypass shift−CLK (differential positive). Tie to DGND in
non−stereoscopy mode
H3
EXPOSURE
Input
Rising edge starts exposure in snapshot and slave modes
H4
SCLK
Input
Two−wire serial interface clock. Connect to VDD with 1.5 kW resistor even when no
other two−wire serial interface peripheral is attached
H6
OE
Input
DOUT enable pad, active HIGH
G7
S_CTRL_ADR0
Input
Two−wire serial interface slave address select (see Table 4 on page 12)
H8
S_CTRL_ADR1
Input
Two−wire serial interface slave address select (see Table 4 on page 12)
G8
RESET_BAR
Input
Asynchronous reset. All registers assume defaults
F8
STANDBY
Input
Shut down sensor operation for power saving
A5
SYSCLK
Input
Master clock (26.6 MHz; 13 MHz – 27 MHz)
G4
SDATA
I/O
Two−wire serial interface data. Connect to VDD with 1.5 kW resistor even when no
other two−wire serial interface peripheral is attached
G3
STLN_OUT
I/O
Output in master mode−start line sync to drive slave chip in−phase; input in slave
mode
G5
STFRM_OUT
I/O
Output in master mode−start frame sync to drive a slave chip in−phase; input in
slave mode
H2
LINE_VALID
Output Asserted when DOUT data is valid
G2
FRAME_VALID
Output Asserted when DOUT data is valid
E1
DOUT5
Output Parallel pixel data output 5
F1
DOUT6
Output Parallel pixel data output 6
F2
DOUT7
Output Parallel pixel data output 7
G1
DOUT8
Output Parallel pixel data output 8
H1
DOUT9
Output Parallel pixel data output 9
H5
ERROR
Output Error detected. Directly connected to STEREO ERROR FLAG
G6
LED_OUT
Output LED strobe output
B7
DOUT4
Output Parallel pixel data output 4
A8
DOUT3
Output Parallel pixel data output 3
A7
DOUT2
Output Parallel pixel data output 2
B6
DOUT1
Output Parallel pixel data output 1
A6
DOUT0
Output Parallel pixel data output 0
B5
PIXCLK
Output Pixel clock out. DOUT is valid on rising edge of this clock
B3
SHFT_CLKOUT_N
Output Output shift CLK (differential negative)
B2
SHFT_CLKOUT_P
Output Output shift CLK (differential positive)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com