Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201CNQ Datasheet(PDF) 2 Page - International Rectifier

Part # 201CNQ
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

201CNQ Datasheet(HTML) 2 Page - International Rectifier

  201CNQ Datasheet HTML 1Page - International Rectifier 201CNQ Datasheet HTML 2Page - International Rectifier 201CNQ Datasheet HTML 3Page - International Rectifier 201CNQ Datasheet HTML 4Page - International Rectifier 201CNQ Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
201CNQ... Series
2
Bulletin PD-2.258 rev. C 07/01
www.irf.com
Part number
201CNQ035
201CNQ040
201CNQ045
VR
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
Absolute Maximum Ratings
Parameters
201CNQ Units
Conditions
A
I
F(AV) Max. Average Forward Current
200
A
50% duty cycle @ T
C = 138 °C, rectangular wave form
* See Fig. 5
I
FSM
Max. Peak One Cycle Non-Repetitive
16,000
5µs Sine or 3µs Rect. pulse
Surge Current (Per Leg) * See Fig. 7
3200
10ms Sine or 6ms Rect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
135
mJ
T
J = 25 °C, IAS = 20 Amps, L = 0.67 mH
(Per Leg)
I
AR
RepetitiveAvalancheCurrent
20
A
Current decaying linearly to zero in 1 µsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
(1) Pulse Width < 300µs, Duty Cycle <2%
T
J
Max.JunctionTemperatureRange
- 55 to 175
°C
Tstg
Max.StorageTemperatureRange
- 55 to 175
°C
R
thJC Max. Thermal Resistance Junction
0.40
°C/W DCoperation
* See Fig. 4
to Case (Per Leg)
R
thJC Max. Thermal Resistance Junction
0.20
°C/W DCoperation
to Case (Per Package)
R
thCS Typical Thermal Resistance, Case
0.10
°C/W Mounting surface , smooth and greased
to Heatsink
wt
ApproximateWeight
79(2.80)
g (oz.)
T
MountingTorqueBase
Min.
24 (20)
Max.
35 (30)
MountingTorqueCenterHole
Typ.
13.5(12)
TerminalTorque
Min.
35 (30)
Max.
46 (40)
Case Style
TO - 244AB
Modified JEDEC
Thermal-Mechanical Specifications
Parameters
201CNQ Units
Conditions
V
FM
Max. Forward Voltage Drop
0.67
V
@ 100A
(Per Leg) * See Fig. 1
(1)
0.81
V
@ 200A
0.58
V
@ 100A
0.71
V
@ 200A
I
RM
Max. Reverse Leakage Current
10
mA
T
J =
25 °C
(Per Leg) * See Fig. 2
(1)
90
mA
T
J = 125 °C
CT
Max. Junction Capacitance (Per Leg)
5200
pF
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25°C
LS
Typical Series Inductance (Per Leg)
7.0
nH
From top of terminal hole to mounting plane
dv/dt Max. Voltage Rate of Change
10,000
V/ µs
(Rated V
R)
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Parameters
201CNQ Units
Conditions
Kg-cm
(Ibf-in)
Electrical Specifications
35
40
45
Following any rated
load condition and with
rated VRRM applied



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com