Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

249NQ135 Datasheet(PDF) 1 Page - International Rectifier

Part # 249NQ135
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

249NQ135 Datasheet(HTML) 1 Page - International Rectifier

  249NQ135 Datasheet HTML 1Page - International Rectifier 249NQ135 Datasheet HTML 2Page - International Rectifier 249NQ135 Datasheet HTML 3Page - International Rectifier 249NQ135 Datasheet HTML 4Page - International Rectifier 249NQ135 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Major Ratings and Characteristics
I
F(AV) Rectangular
240
A
waveform
V
RRM range
135 to 150
V
I
FSM @ tp = 5 µs sine
20000
A
V
F
@240Apk,T
J=125°C
0.72
V
T
J
range
- 55 to 175
°C
Characteristics
249NQ...(R) Units
Description/ Features
The 249NQ...(R) high current Schottky rectifier module series
has been optimized for low reverse leakage at high tempera-
ture. The proprietary barrier technology allows for reliable
operation up to 175° C junction temperature. Typical applica-
tions are in switching power supplies, converters, free-
wheeling
diodes, and reverse battery protection.
175° C T
J operation
Unique high power, Half-Pak module
Replaces four parallel DO-5's
Easier to mount and lower profile than DO-5's
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
SCHOTTKY RECTIFIER
240 Amp
249NQ...(R) SERIES
Bulletin PD-20721 rev. A 06/02
1
www.irf.com
D-67
Outline D-67 HALF PAK Module
Dimensions in millimeters and (inches)
249NQ150
Lug Terminal Anode
Base Cathode
249NQ150R
Lug Terminal Cathode
Base Anode


Similar Part No. - 249NQ135

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
249NQ135 SMC-249NQ135 Datasheet
176Kb / 4P
Replaces three parallel DO-5?셎
249NQ135-1 SMC-249NQ135-1 Datasheet
168Kb / 4P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
249NQ135/R-1 SMCDIODE-249NQ135/R-1 Datasheet
351Kb / 5P
SCHOTTKY RECTIFIER
Rev. B
logo
Sangdest Microelectroni...
249NQ135R-1 SMC-249NQ135R-1 Datasheet
176Kb / 4P
Replaces three parallel DO-5?셎
More results

Similar Description - 249NQ135

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com