Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5063 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5063
Description  Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5063 Datasheet(HTML) 2 Page - Analog Devices

  AD5063 Datasheet HTML 1Page - Analog Devices AD5063 Datasheet HTML 2Page - Analog Devices AD5063 Datasheet HTML 3Page - Analog Devices AD5063 Datasheet HTML 4Page - Analog Devices AD5063 Datasheet HTML 5Page - Analog Devices AD5063 Datasheet HTML 6Page - Analog Devices AD5063 Datasheet HTML 7Page - Analog Devices AD5063 Datasheet HTML 8Page - Analog Devices AD5063 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AD5040/5060
Preliminary Technical Data
Rev. PrC | Page 2 of 17
AD5040/AD5060—SPECIFICATIONS1
AD5040, VDD = 3.3V, Vref =3.0V. AD5060, VDD = 5.5V, Vref =4.096V, RL=5k, 200pF . TMIN to TMAX; unless otherwise noted.
Parameter
B Version1
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE
AD5040/AD5060
Resolution
16
Bits
Relative Accuracy
±1
LSB
TUE
0.5
mV
Differential Nonlinearity
±1
LSB
Guaranteed Monotonic by Design.
Offset
0.65
mV
Zero Code Error
100
uV
Gain Error
200
uV
Offset Drift
6
µV/°C
Gain Temperature Coefficient
2.5
ppm of FSR/°C
OUTPUT CHARACTERISTICS
Output Voltage Range
0
Vref -150mV
V
Output Voltage Settling Time
10
µs
1/4 to 3/4 to +/-1lsb
Slew Rate
1
V/µs
Capacitive Load Stability
470
pF
RL=
1000
pF
RL = 5K
Output Noise Spectral Density
50
nV/
√Hz
DAC code=TBD , 1kHz
50
nV/
√Hz
DAC code=TBD , 10kHz
Digital-to-Analog Glitch
Impulse
5
nV-s
1LSBChangeAroundMajorCarry.
Digital Feedthrough
0.5
nV-s
DC Output Impedance
1
Ω
REFERENCE INPUT/OUPUT
Vref Input Range
2
VDD-100mV
V
Input Current
1
uA
DC Input Impedance
1
m
Ω
LOGIC INPUTS
Input Current
±1
µA
VINL, Input Low Voltage
0.8
V
VDD = +5 V
VINH, Input High Voltage
1.8
V
VDD = +5 V
VINL, Input Low Voltage
0.6
V
VDD = +3 V
VINH, Input High Voltage
1.4
V
VDD = +3 V
Pin Capacitance
3
pF
POWER REQUIREMENTS
VDD
2.7
3.6
V
AD5060 (3 Volt Option)
IDD (Normal Mode)
DAC Active and Excluding Load Current
VDD = +2.7 V to +3.6 V
900
µA
VIH = VDD and VIL = GND
IDD (All Power-Down Modes)
VDD
5.0
5.5
V
AD5060 (5 Volt Option)
IDD (Normal Mode)
DAC Active and Excluding Load Current
VDD = +5.0 V to +5.5 V
1.3
mA
VIH = VDD and VIL = GND
IDD (All Power-Down Modes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com