Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5662ARM Datasheet(PDF) 3 Page - Analog Devices

Part # AD5662ARM
Description  2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5662ARM Datasheet(HTML) 3 Page - Analog Devices

  AD5662ARM Datasheet HTML 1Page - Analog Devices AD5662ARM Datasheet HTML 2Page - Analog Devices AD5662ARM Datasheet HTML 3Page - Analog Devices AD5662ARM Datasheet HTML 4Page - Analog Devices AD5662ARM Datasheet HTML 5Page - Analog Devices AD5662ARM Datasheet HTML 6Page - Analog Devices AD5662ARM Datasheet HTML 7Page - Analog Devices AD5662ARM Datasheet HTML 8Page - Analog Devices AD5662ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Preliminary Technical Data
AD5662
Rev. PrA | Page 3 of 20
SPECIFICATIONS
VDD = 2.7 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; VREF = VDD: all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
A Grade
B Grade
B Version1
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
STATIC PERFORMANCE2
Resolution
16
16
Bits
Relative Accuracy
±32
±16
LSB
See Figure 4.
Differential Nonlinearity
±1
±1
LSB
Guaranteed monotonic by design.
See Figure 5.
Zero Code Error
1
5
1
5
mV
All 0s loaded to DAC register. See Figure 8.
Full-Scale Error
−0.15
−1.25
−0.15
−1.25
% FSR
All 1s loaded to DAC register. See Figure 8.
Offset Error
±10
±10
mV
Gain Error
±1.25
±1.25
% FSR
Zero Code Error Drift3
±2
±2
µV/°C
Gain Temperature Coefficient3
±2.5
±2.5
ppm
Of FSR/°C
DC Power Supply Rejection
Ratio
-100
-100
dB
DAC code = midscale; VDD = 5V/3V ±10%
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
VDD
0
VDD
V
Output Voltage Settling Time
8
10
8
10
µs
¼ to ¾ scale;
RL = 2 kΩ; 0 pF < CL < 200 pF. See Figure 18.
µs
1 LSB Settling
Slew Rate
1.5
1.5
V/µs
¼ to ¾ scale
Capacitive Load Stability
2
2
nF
RL = ∞
10
10
nF
RL = 2 kΩ
Output Noise Spectral Density
80
80
nV/√Hz
DAC code = midscale,10 kHz
Output Noise (0.1 Hz to 10 Hz)
10
10
µVp-p
DAC code = midscale
THD, Total Harmonic Distortion
-80
-80
dB
VREF = 2 V ± 300 mV p-p, f = 5 kHz
Digital-to-Analog Glitch Impulse
5
5
nV-s
1 LSB change around major carry.
See Figure 21.
Digital Feedthrough
0.1
0.1
nV-s
DC Output Impedance
0.5
0.5
Ω
Short-Circuit Current4
30
30
mA
VDD = 5 V, 3 V
Power-Up Time
4
4
µs
Coming out of power-down mode. VDD = 5 V
10
10
µs
VDD = 3 V
REFERENCE INPUTS
Reference Current
35
45
35
45
µA
VREF = VDD = 5 V
20
30
20
30
µA
VREF = VDD = 3.6 V
Reference Input Range
0
VDD
0
VDD
V
Reference Input Impedance
150
150
kΩ
LOGIC INPUTS3
Input Current
±1
±1
µA
VINL, Input Low Voltage
0.8
0.8
V
VDD = 5 V, 3 V
VINH, Input High Voltage
2
2
V
VDD = 5 V, 3 V
Pin Capacitance
3
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com