Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7904 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7904
Description  4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7904 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7904 Datasheet HTML 16Page - Analog Devices AD7904 Datasheet HTML 17Page - Analog Devices AD7904 Datasheet HTML 18Page - Analog Devices AD7904 Datasheet HTML 19Page - Analog Devices AD7904 Datasheet HTML 20Page - Analog Devices AD7904 Datasheet HTML 21Page - Analog Devices AD7904 Datasheet HTML 22Page - Analog Devices AD7904 Datasheet HTML 23Page - Analog Devices AD7904 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD7904/AD7914/AD7924
–21–
REV. 0
Figure 15 shows the maximum power versus throughput rate
when using the Auto Shutdown mode with 5 V and 3 V supplies.
THROUGHPUT – kSPS
10
0
100
200
300
1
0.1
0.01
50
150
250
350
VDD = 5V
VDD = 3V
Figure 15. AD7924 Power vs. Throughput Rate
SERIAL INTERFACE
Figures 16, 17, and 18 show the detailed timing diagrams for
serial interfacing to the AD7904, AD7914, and AD7924,
respectively. The serial clock provides the conversion clock and
also controls the transfer of information to and from the
AD7904/AD7914/AD7924 during each conversion.
The
CS signal initiates the data transfer and conversion process.
The falling edge of
CS puts the track and hold into hold mode,
takes the bus out of three-state and the analog input is sampled
at this point. The conversion is also initiated at this point and
will require 16 SCLK cycles to complete. The track and hold
will go back into track on the fourteenth SCLK falling edge as
shown in Figures 16, 17, and 18 at Point B. On the sixteenth
SCLK falling edge, the DOUT line will go back into three-state.
If the rising edge of
CS occurs before 16 SCLKs have elapsed,
the conversion will be terminated, the DOUT line will go back
into three-state, and the Control Register will not be updated;
otherwise DOUT returns to three-state on the sixteenth SCLK
falling edge as shown in Figures 16, 17, and 18.
CS
SCLK
DOUT
DIN
t2
t3
t9
t4
t7
t5
t11
t8
tQUIET
t6
tCONVERT
12
345
6
11
12
13
14
15
16
THREE-
STATE
ZERO
ADD1
ADD0
DB7
DB6
DB0
ZERO
ZERO
ZERO
ZERO
THREE-
STATE
4 TRAILING ZEROS
2 IDENTIFICATION
BITS
t10
ZERO
B
WRITE
SEQ1
DONTC
DONTC
ADD1
ADD0
CODING
DONTC
DONTC
DONTC
DONTC
Figure 16. AD7904 Serial Interface Timing Diagram
CS
SCLK
DOUT
DIN
t2
t3
t9
t4
t7
t5
t11
t8
t6
tCONVERT
12
345
6
11
12
13
14
15
16
THREE-
STATE
ZERO
ADD1
ADD0
DB9
DB8
DB2
DB1
DB0
ZERO
ZERO
THREE-
STATE
2 TRAILING ZEROS
2 IDENTIFICATION
BITS
t10
ZERO
B
WRITE
SEQ1
DONTC
DONTC
ADD1
ADD0
CODING
DONTC
DONTC
DONTC
DONTC
tQUIET
Figure 17. AD7914 Serial Interface Timing Diagram
CS
SCLK
DOUT
DIN
t2
t3
t9
t4
t7
t5
t11
t8
t6
tCONVERT
12
345
6
11
12
13
14
15
16
THREE-
STATE
ZERO
ADD1
ADD0
DB11
DB10
DB4
DB3
DB2
DB1
DB0
THREE-
STATE
2 IDENTIFICATION
BITS
t10
ZERO
B
WRITE
SEQ1
DONTC
DONTC
ADD1
ADD0
CODING
DONTC
DONTC
DONTC
DONTC
tQUIET
Figure 18. AD7924 Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com