Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD12400 Datasheet(PDF) 1 Page - Analog Devices

Part # AD12400
Description  12-Bit 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12400 Datasheet(HTML) 1 Page - Analog Devices

  AD12400 Datasheet HTML 1Page - Analog Devices AD12400 Datasheet HTML 2Page - Analog Devices AD12400 Datasheet HTML 3Page - Analog Devices AD12400 Datasheet HTML 4Page - Analog Devices AD12400 Datasheet HTML 5Page - Analog Devices AD12400 Datasheet HTML 6Page - Analog Devices AD12400 Datasheet HTML 7Page - Analog Devices AD12400 Datasheet HTML 8Page - Analog Devices AD12400 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
12-Bit 400 MSPS
A/D Converter
AD12400
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
400 MSPS sample rate
SNR of 63 dBFS @128 MHz
SFDR of 70 dBFS @128 MHz
VSWR of 1:1.5
Wideband ac-coupled input signal conditioning
Enhanced spurious-free dynamic range
Single-ended or differential encode signal
LVDS output levels
Twos complement output data
APPLICATIONS
Communications test equipment
Radar and satellite subsystems
Phased array antennas—digital beam forming
Multichannel, multimode receivers
Secure communications
Wireless and wired broadband communications
Wideband carrier frequency systems
GENERAL DESCRIPTION
The AD12400 is a 12-bit analog-to-digital converter with a
transformer-coupled analog input and digital post processing
for enhanced SFDR. The product operates at a 400 MSPS
conversion rate with outstanding dynamic performance in
wideband carrier systems.
The AD12400 requires 3.8 V analog, 3.3 V digital, and 1.5 V
digital supplies and provides a flexible encode signal that can be
differential or single-ended. No external reference is required.
The AD12400 package style is an enclosed 2.9" × 2.6" × 0.6"
module. Performance is rated over a 0°C to 60°C case
temperature range.
FUNCTIONAL BLOCK DIAGRAM
ADC
A
DATA
READY
A
DATA
READY
B
DA0–DA11
DB0–DB11
CLK DISTRIBUTION
AD12400
POST-
PROCESSING
ADC
B
AIN
CLOCK DISTRIBUTION
DIVIDE BY 2
ENC
ENC
Figure 1.
PRODUCT HIGHLIGHTS
1.
Guaranteed sample rate of 400 MSPS.
2.
Input signal conditioning with optimized dynamic
performance to 180 MHz.
3.
Additional performance options available—contact factory.
4.
Proprietary Advanced Filter Bank™ digital post processing
from VCorp® Technologies, Inc.


Similar Part No. - AD12400

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD12400 AD-AD12400 Datasheet
618Kb / 24P
12-Bit, 400 MSPS A/D Converter
REV. A
AD12400 AD-AD12400_15 Datasheet
618Kb / 24P
12-Bit, 400 MSPS A/D Converter
REV. A
More results

Similar Description - AD12400

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5804 INTERSIL-HI5804 Datasheet
64Kb / 11P
12-Bit, 5 MSPS A/D Converter
10 1998
HI5808 INTERSIL-HI5808 Datasheet
115Kb / 12P
12-Bit, 10 MSPS A/D Converter
02 1999
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
12-Bit, 65 MSPS A/D Converter
1998 06
logo
Maxwell Technologies
9042 MAXWELL-9042 Datasheet
396Kb / 26P
12-Bit, 41 MSPS A/D Converter
logo
Analog Devices
AD12401 AD-AD12401 Datasheet
812Kb / 28P
12-Bit, 400 MSPS A/D Converter
4/06-Rev. 0 to Rev. A
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD9005B AD-AD9005B_15 Datasheet
170Kb / 8P
12-Bit, 10 MSPS A/D Converter
REV. 0
AD12400 AD-AD12400_15 Datasheet
618Kb / 24P
12-Bit, 400 MSPS A/D Converter
REV. A
AD12401 AD-AD12401_15 Datasheet
813Kb / 28P
12-Bit, 400 MSPS A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com