Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD12400KWS Datasheet(PDF) 15 Page - Analog Devices

Part # AD12400KWS
Description  12-Bit 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12400KWS Datasheet(HTML) 15 Page - Analog Devices

Back Button AD12400KWS Datasheet HTML 11Page - Analog Devices AD12400KWS Datasheet HTML 12Page - Analog Devices AD12400KWS Datasheet HTML 13Page - Analog Devices AD12400KWS Datasheet HTML 14Page - Analog Devices AD12400KWS Datasheet HTML 15Page - Analog Devices AD12400KWS Datasheet HTML 16Page - Analog Devices AD12400KWS Datasheet HTML 17Page - Analog Devices AD12400KWS Datasheet HTML 18Page - Analog Devices AD12400KWS Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD12400
Rev. 0 | Page 15 of 28
THEORY OF OPERATION
The AD12400 uses two high-speed, 12-bit analog-to-digital
converters (ADCs) in a time-interleaved configuration to
double the sample rate, while maintaining a high level of
dynamic range performance. The digital output of each ADC
channel is calibrated using a proprietary digital post processing
technique, Advanced Filter Bank (AFBTM), from VCorp
Technologies. AFB is implemented using a state-of-the-art Field
Programmable Gate Array (FPGA) and provides a wide
bandwidth, wide temperature match for any gain, phase, and
clock timing errors between each ADC channel.
TIME-INTERLEAVING ADCS
When two ADCs are time-interleaved, gain and/or phase
mismatches between each channel will produce an
Image Spur
at fs/2 – fAIN and an Offset Spur as shown in Figure 18. These
mismatches can be the result of any combination of device
tolerance, temperature, and frequency deviations.
.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
20
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
IMAGE SPUR
1
2
3
4
5
6
N
OFFSET SPUR
X
Figure 18. Image Spur Due to Mismatches between Two Interleaved ADCs
(No AFB Digital Post Processing)
Figure 19 displays the performance of a similar converter with
on-board, AFB post processing implemented. The –44 dBFS
image spur has been reduced to –77 dBFS and as a result, the
dynamic range of this time-interleaved ADC is no longer
limited by the channel matching.
0
20
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
IMAGE SPUR
OFFSET SPUR
1
2
3
4
5
6
N
X
Figure 19. AD12400 with AFB Digital Post Processing
The relationship between image spur and channel mismatches
is captured in Table 7 for specific conditions.
Table 7. Image Spur vs. Channel Mismatch
Gain Error
(%)
Aperture Delay Error
(ps)
Image Spur
(dBc)
1
15
–40
0.25
2.7
–54
0.2
1.1
–62
0.025
0.5
–70
For a more detailed description of time-interleaving in ADCs
and a design example using the AD12400, refer to “Advanced
Digital Post-Processing Techniques Enhance Performance in
Time Interleaved ADC Systems,” published in the August, 2003
edition of Analog Dialogue. This article can be found at
http://www.analog.com/analogDialogue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com