Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3249 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG3249
Description  2.5 V/3.3 V, 2:1 Multiplexer/ Demultiplexer Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3249 Datasheet(HTML) 1 Page - Analog Devices

  ADG3249 Datasheet HTML 1Page - Analog Devices ADG3249 Datasheet HTML 2Page - Analog Devices ADG3249 Datasheet HTML 3Page - Analog Devices ADG3249 Datasheet HTML 4Page - Analog Devices ADG3249 Datasheet HTML 5Page - Analog Devices ADG3249 Datasheet HTML 6Page - Analog Devices ADG3249 Datasheet HTML 7Page - Analog Devices ADG3249 Datasheet HTML 8Page - Analog Devices ADG3249 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
ADG3249
2.5 V/3.3 V, 2:1 Multiplexer/
Demultiplexer Bus Switch
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
225 ps Propagation Delay through the Switch
4.5
Switch Connection between Ports
Data Rate 1.244 Gbps
2.5 V/3.3 V Supply Operation
Selectable Level Shifting/Translation
Level Translation
3.3 V to 2.5 V
3.3 V to 1.8 V
2.5 V to 1.8 V
Small Signal Bandwidth 610 MHz
8-Lead SOT-23 Package
APPLICATIONS
3.3 V to 1.8 V Voltage Translation
3.3 V to 2.5 V Voltage Translation
2.5 V to 1.8 V Voltage Translation
Docking Stations
Memory Switching
Analog Switch Applications
FUNCTIONAL BLOCK DIAGRAM
EN
ADG3249
A0
A1
B
CONTROL
LOGIC
IN
GENERAL DESCRIPTION
The ADG3249 is a 2.5 V or 3.3 V, high performance 2:1 multi-
plexer/demultiplexer bus switch. It is designed on a low voltage
CMOS process, which provides low power dissipation yet gives
high switching speed and very low on resistance. This allows the
input to be connected to the output without additional propaga-
tion delay or generating additional ground bounce noise.
Each switch of the ADG3249 conducts equally well in both direc-
tions when on. The ADG3249 exhibits break-before-make
switching action, preventing momentary shorting when switch-
ing channels.
This device is ideal for applications requiring level translation.
When operated from a 3.3 V supply, level translation from
3.3 V inputs to 2.5 V outputs is allowed. Similarly, if the device
is operated from 2.5 V supply and 2.5 V inputs are applied, the
device will translate the outputs to 1.8 V. In addition, a level
translating pin (
SEL) is included. When SEL is low, V
CC is
reduced internally, allowing for level translating between 3.3 V
inputs and 1.8 V outputs.
The ADG3249 is available in a tiny 8-lead SOT-23 package.
PRODUCT HIGHLIGHTS
1. 3.3 V or 2.5 V supply operation.
2. Extremely low propagation delay through switch.
3. 4.5
Ω switches connect inputs to outputs.
4. Tiny SOT-23 package.


Similar Part No. - ADG3249

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3249 AD-ADG3249_15 Datasheet
226Kb / 12P
2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
More results

Similar Description - ADG3249

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3248 AD-ADG3248 Datasheet
172Kb / 12P
2.5 V/ 3.3 V, 2 :1 Multiplexer/ Demultiplexer Bus Switch
REV.0
logo
Texas Instruments
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
329Kb / 12P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
390Kb / 1P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257 TI-SN74CB3Q3257_08 Datasheet
691Kb / 18P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253 TI-SN74CB3Q3253_10 Datasheet
641Kb / 19P
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257 TI-SN74CB3Q3257_10 Datasheet
509Kb / 17P
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
699Kb / 20P
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
logo
Analog Devices
ADG3248 AD-ADG3248_15 Datasheet
493Kb / 12P
2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. A
ADG3249 AD-ADG3249_15 Datasheet
226Kb / 12P
2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
logo
Texas Instruments
SN74CB3Q3251 TI1-SN74CB3Q3251_15 Datasheet
777Kb / 19P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com