Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADD8704ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADD8704ACPZ-R2
Description  16 V Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8704ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADD8704ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADD8704ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADD8704ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADD8704ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADD8704ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADD8704ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADD8704ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADD8704ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADD8704ACPZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADD8704
Rev. 0 | Page 14 of 16
OUTLINE DIMENSIONS
4.50
4.40
4.30
14
8
7
1
6.40
BSC
PIN 1
5.10
5.00
4.90
0.65
BSC
SEATING
PLANE
0.15
0.05
0.30
0.19
1.20
MAX
1.05
1.00
0.80
0.20
0.09
8°
0°
0.75
0.60
0.45
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153AB-1
Figure 38. 14-Lead Thin Shrink Small Outline Package [TSSOP] (RU)
Dimensions shown in millimeters
16
5
13
8
9
12
1
4
BOTTOM
VIEW
2.25
2.10 SQ
1.95
0.75
0.60
0.50
0.65 BSC
1.95 BSC
0.35
0.28
0.25
12° MAX
0.20 REF
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
4.0
BSC SQ
3.75
BSC SQ
0.60 MAX
0.60 MAX
0.05 MAX
0.02 NOM
0.80 MAX
0.65 TYP
PIN 1
INDICATOR
1.00
0.85
0.80
COPLANARITY
0.08
0.25 MIN
COMPLIANT TO JEDEC STANDARDS MO-220-VGGC
Figure 39. 16-Terminal Leadless Frame Chip Scale Package [LFCSP] (CP)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADD8704ARU
–40°C to +85°C
14-Lead Thin Shrink SOIC
RU-14
ADD8704ARU-REEL
–40°C to +85°C
14-Lead Thin Shrink SOIC
RU-14
ADD8704ARUZ1
–40°C to +85°C
14-Lead Thin Shrink SOIC
RU-14
ADD8704ARUZ-REEL1
–40°C to +85°C
14-Lead Thin Shrink SOIC
RU-14
ADD8704ACPZ-R21
–40°C to +85°C
16-Terminal Leadless Frame Chip Scale
CP-16
ADD8704ACPZ-REEL71
–40°C to +85°C
16-Terminal Leadless Frame Chip Scale
CP-16
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com