Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATT621 Datasheet(PDF) 1 Page - Power Semiconductors

Part # ATT621
Description  PHASE CONTROL MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ATT621 Datasheet(HTML) 1 Page - Power Semiconductors

  ATT621 Datasheet HTML 1Page - Power Semiconductors ATT621 Datasheet HTML 2Page - Power Semiconductors ATT621 Datasheet HTML 3Page - Power Semiconductors ATT621 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHASE CONTROL MODULE
ATT621
Repetitive voltage up to
1600 V
Mean forward current
620 A
Surge current
15 kA
FINAL SPECIFICATION
apr 17 - ISSUE : 02
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse/off-state voltage
135
1600
V
V RSM
Non-repetitive peak reverse voltage
135
1700
V
I RRM/DRM
Repetitive peak reverse/off-state current
135
50
mA
CONDUCTING
I T (AV)
Mean forward current
180° sin, 50 Hz, Th=85°C, double side cooled
620
A
I T (AV)
Mean forward current
180° sin, 50 Hz, Tc=55°C, double side cooled
945
A
I TSM
Surge forward current
Sine wave, 10 ms
135
15
kA
I² t
I² t
without reverse voltage
1125 x 10
3
A²s
V T
On-state voltage
On-state current =
1600 A
25
1,50
V
V T(TO)
Threshold voltage
135
0,90
V
r T
On-state slope resistance
135
0,340
mohm
SWITCHING
di/dt
Critical rate of rise of on-state current, min.
From 75% VDRM up to 1050 A; gate 10V, 5
W
135
200
A/µs
dv/dt
Critical rate of rise of off-state voltage, min.
Linear ramp up to 70% of VDRM
135
500
V/µs
t d
Gate controlled delay time, typical
VD=100V; gate source 25V, 10
W , tr=.5 µs
25
1,1
µs
t q
Circuit commutated turn-off time, typical
dv/dt = 20 V/µs linear up to 75% VDRM
200
µs
Q rr
Reverse recovery charge
di/dt = -20 A/µs, I= 700 A
135
µC
I rr
Peak reverse recovery current
VR= 50 V
A
I H
Holding current, typical
VD=5V, gate open circuit
25
300
mA
I L
Latching current, typical
VD=5V, tp=30µs
25
700
mA
GATE
V GT
Gate trigger voltage
VD=5V
25
3,50
V
I GT
Gate trigger current
VD=5V
25
250
mA
V GD
Non-trigger gate voltage, min.
VD=VDRM
135
0,25
V
V FGM
Peak gate voltage (forward)
30
V
I FGM
Peak gate current
10
A
V RGM
Peak gate voltage (reverse)
5
V
P GM
Peak gate power dissipation
Pulse width 100 µs
150
W
P G
Average gate power dissipation
2
W
MOUNTING
R th(j-h)
Thermal impedance, DC
Junction to case, per element
50,0
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, per element
20,0
°C/kW
T j
Operating junction temperature
-30 / 135
°C
V ins
RMS insulation voltage
50 hz , circuit to base, all terminal shorted
25
4500
V
T
Mounting torque
Case to heatsink
4 to 6
kN
T
Mounting torque
Busbars to terminal
12 to 18
kN
Mass
1500
g
ORDERING INFORMATION : ATT621 S 16
standard specification
VRRM/100
POSEICO SPA
Via Pillea 42-44, 16153 Genova - ITALY
Tel. + 39 010 8599400 - Fax + 39 010 8682006
Sales Office:
Tel. + 39 010 8599400 - sales@poseico.com


Similar Part No. - ATT621

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ATT605 POSEICO-ATT605 Datasheet
196Kb / 4P
PHASE CONTROL MODULE
ATT605S12 POSEICO-ATT605S12 Datasheet
196Kb / 4P
PHASE CONTROL MODULE
More results

Similar Description - ATT621

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ADT200HVI POSEICO-ADT200HVI Datasheet
166Kb / 4P
PHASE CONTROL MODULE
ADT250HVI POSEICO-ADT250HVI Datasheet
165Kb / 4P
PHASE CONTROL MODULE
ADT461 POSEICO-ADT461 Datasheet
165Kb / 4P
PHASE CONTROL MODULE
ADT571 POSEICO-ADT571 Datasheet
165Kb / 4P
PHASE CONTROL MODULE
ATD200HVI POSEICO-ATD200HVI Datasheet
165Kb / 4P
PHASE CONTROL MODULE
ATD461 POSEICO-ATD461 Datasheet
165Kb / 4P
PHASE CONTROL MODULE
ATD571 POSEICO-ATD571 Datasheet
165Kb / 4P
PHASE CONTROL MODULE
ATT405 POSEICO-ATT405 Datasheet
195Kb / 4P
PHASE CONTROL MODULE
ATT501 POSEICO-ATT501 Datasheet
176Kb / 4P
PHASE CONTROL MODULE
ATT605 POSEICO-ATT605 Datasheet
196Kb / 4P
PHASE CONTROL MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com