Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2002 Datasheet(PDF) 2 Page - Anachip Corp

Part # AP2002
Description  Synchronous PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2002 Datasheet(HTML) 2 Page - Anachip Corp

  AP2002 Datasheet HTML 1Page - Anachip Corp AP2002 Datasheet HTML 2Page - Anachip Corp AP2002 Datasheet HTML 3Page - Anachip Corp AP2002 Datasheet HTML 4Page - Anachip Corp AP2002 Datasheet HTML 5Page - Anachip Corp AP2002 Datasheet HTML 6Page - Anachip Corp AP2002 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP2002
Synchronous PWM Controller
Anachip Corp.
www.anachip.com.tw
Rev. 0.2 Apr 14, 2004
2/7
Block Diagram
DRVH
Cross
Current
Control
DRVL
VCC
GND
PWRGD
SS/SHDN
OVP
SENSE
OCSET
PHASE
BSTH
DRVH
BSTL
PGND
DRVL
200uA
Over Current
+
-
+
-
+
-
+
-
One-Shot
Oscillator
PWM
Foult
Ob
S
R
0.6V
0.5V
Vcc
10uA
2uA
Vbg
Error Amp
Vcc
Under
Voltage
Vbg
+10%
- 10%
+20%
0.8V
VCC
COMP
Absolute Maximum Ratings
Symbol
Parameter
Max.
Unit
VIN
VCC, BSTL to GND
-1 to 14
V
PGND to GND
+ 0.5
V
PHASE to GND
-1 to 18
V
VPHASE
BSTH to PHASE
14
V
ΘJC
Thermal Resistance Junction to Case
45
oC/W
ΘJA
Thermal Resistance Junction to Ambient
115
oC/W
TOP
Operating Temperature Range
-40 to +85
oC
TST
Storage Temperature Range
-65 to +150
oC
TLEAD
Lead Temperature (Soldering) 10 Sec.
300
oC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com