Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2002S Datasheet(PDF) 4 Page - Anachip Corp

Part # AP2002S
Description  Synchronous PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2002S Datasheet(HTML) 4 Page - Anachip Corp

  AP2002S Datasheet HTML 1Page - Anachip Corp AP2002S Datasheet HTML 2Page - Anachip Corp AP2002S Datasheet HTML 3Page - Anachip Corp AP2002S Datasheet HTML 4Page - Anachip Corp AP2002S Datasheet HTML 5Page - Anachip Corp AP2002S Datasheet HTML 6Page - Anachip Corp AP2002S Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AP2002
Synchronous PWM Controller
Anachip Corp.
www.anachip.com.tw
Rev. 0.2 Apr 14, 2004
4/7
Typical Application Circuit
(1)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
R4
10
C2
0.1
C1
0.1
R2
10k
R1
1k
+5V
PWRGD
OVP
R3
1k
D1
Option
VCC
GND
PWRGD SS/SHDN
OVP
COMP
OCSET
SENSE
PHASE
BSTH
DRVH
BSTL
PGND
DRVL
C3
0.1
SHDN
C4
R5
1.2O
R6
1.2O
Q1
PFD3000
Q2
PFD3000
L1
3.3uH
C10
0.1
C11
680/
16V
C12
680/
16V
C13
680/
16V
C14
680/
16V
Vout=2.5V
+
-
V
IN
5V/12V
+
-
C8
C7
C6
680/
16V
C5
0.1
R8
120
R9
270*
Note:
*Vout =Vref x (1+R9/R8)
5V & 12V dual input circuit
680/
16V
680/
16V
+12V
47k 18nF
R10
4.7O
R7
C9
0.1u
(2)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
R4
10
C2
0.1
C1
0.1
R2
10k
R1
1k
+5V
PWRGD
OVP
R3
1k
D1
Option
VCC
GND
PWRGD SS/SHDN
OVP
COMP
OCSET
SENSE
PHASE
BSTH
DRVH
BSTL
PGND
DRVL
C3
0.1
SHDN
D2
C4
R5
1.2
R6
1.2
Q1
PFD3000
Q2
PFD3000
C9
0.1
L1
3.3uH
C10
0.1
C11
680/
16V
C12
C13
C14 Vout=2.5V*
+
-
V
IN
5V or 12V
+
-
C8
680/
16V
C7
680/
16V
C6
680/
16V
C5
0.1
R8
120
R9
270*
Note:
* Vout=Vref x (1+R9/R8)
5V or 12V input with Bootstrapped BSTH
47k 18nF
680/
16V
680/
16V
680/
16V
R10
4.7
R7
Ω
Ω
Ω
C9
0.1u



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com