Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RHT500 Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # MF-RHT500
Description  High Temperature PTC Resettable Fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RHT500 Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  MF-RHT500 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RHT500 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RHT500 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RHT500 Datasheet HTML 4Page - Bourns Electronic Solutions MF-RHT500 Datasheet HTML 5Page - Bourns Electronic Solutions MF-RHT500 Datasheet HTML 6Page - Bourns Electronic Solutions MF-RHT500 Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
h
w
h
f
d
Reel
Upper side
Tape
Lower side
User
direction
of
feed
t
User direction of feed
Cross section A - B
p
p
H
H1
Reference plane
W0
H0
W1
W
A
B
F
D0
P0
I1
I2
L
H1
P1
h
h
h
w
h
f
d
Reel
Upper side
Tape
Lower side
User
direction
of
feed
t
User direction of feed
Cross section A - B
p
p
H
H1
Reference plane
W0
H0
W1
W
A
B
F
D0
P0
I1
I2
L
H1
P1
h
h
IEC
EIA
Dimensions
Dimension Description
Mark
Mark
Dimensions
Tolerance
Lead spacing: MF-RHT050 ~ MF-RHT900
F
F
5.08
-0.2/+0.8
(0.2)
(-0.006/+0.031)
Lead spacing: MF-RHT1000 ~ MF-RHT1300
F
F
10.2
-0.2/+0.8
(0.402)
(-0.006/+0.031)
Reel width: MF-RHT050 ~ MF-RHT450
w
W2
56
max.
(2.20)
Reel width: MF-RHT500 ~ MF-RHT1300
w
W2
63.5
max.
(2.50)
Reel diameter
d
a
370.0
max.
(14.57)
Spacebetweenflangeslessdevice
4.75
±3.25
W1
h
(.187)
(±.128)
Arbor hole diameter
f
c
26.0
±12.0
(1.02)
(±.472)
Core diameter
h
n
80.0
max.
(3.15)
Box
62
355
345
(2.44) (14.0) (13.6)
Consecutive missing places
3
max.
Emptyplacesperreel
Notspecified
MF-RHTSeriesTapeandReelSpecifications
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific disclaimers as set forth on the last page of this document, and at www.bourns.com/legal/disclaimer.pdf.
Taped Component Dimensions - Figure 1
Reel Dimensions - Figure 2
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com