Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RHT600 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-RHT600
Description  High Temperature PTC Resettable Fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RHT600 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-RHT600 Datasheet HTML 1Page - Bourns Electronic Solutions MF-RHT600 Datasheet HTML 2Page - Bourns Electronic Solutions MF-RHT600 Datasheet HTML 3Page - Bourns Electronic Solutions MF-RHT600 Datasheet HTML 4Page - Bourns Electronic Solutions MF-RHT600 Datasheet HTML 5Page - Bourns Electronic Solutions MF-RHT600 Datasheet HTML 6Page - Bourns Electronic Solutions MF-RHT600 Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificdisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/legal/disclaimer.pdf.
MF-RHTSeries-HighTemperaturePTCResettableFuses
Applications
n
Protectionofautomotivecircuitryincludingenginecontrolmodules
n
Overcurrentsurgeprotectionofelectronicequipmentrequiredtooperateathighoperatingtemperatureranges
n
Resettablefaultprotectionofgeneralelectronicequipment
Typical Part Marking
Represents total content. Layout may vary.
RH750
7180S
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
COUNTRYOF
MANUFACTURE
(S=CHINA)
DATECODE
(FIRSTDIGIT=
LASTDIGITOFYEAR;
NEXTTHREEDIGITS=
DAYOFYEAR)
EXAMPLE:7180=2017DAY180
Thermal Derating Chart - Ihold (Amps)
Model
Ambient Operating Temperature
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
125 °C
MF-RHT050
0.68
0.62
0.56
0.5
0.44
0.4
0.36
0.34
0.28
0.12
MF-RHT070
0.95
0.87
0.79
0.7
0.62
0.56
0.51
0.47
0.39
0.17
MF-RHT100
1.36
1.24
1.13
1.0
0.89
0.80
0.73
0.67
0.56
0.24
MF-RHT200
2.71
2.49
2.26
2.00
1.77
1.60
1.46
1.34
1.11
0.49
MF-RHT200/32
2.71
2.49
2.26
2.00
1.77
1.60
1.46
1.34
1.11
0.49
MF-RHT300
4.07
3.74
3.41
3.00
2.65
2.40
2.21
2.00
1.66
0.74
MF-RHT400
5.57
5.11
4.65
4.00
3.62
3.29
3.01
2.73
2.27
1.01
MF-RHT450
6.1
5.6
5.1
4.5
4.0
3.6
3.3
3.0
2.5
1.1
MF-RHT500
6.78
6.22
5.67
5.0
4.44
4
3.67
3.33
2.78
1.22
MF-RHT550
7.47
6.86
6.24
5.5
4.85
4.41
4.04
3.66
3.05
1.36
MF-RHT600
8.20
7.50
6.80
6.0
5.3
4.9
4.4
4
3.3
1.5
MF-RHT650
8.8
8.1
7.4
6.5
5.7
5.3
4.8
4.3
3.6
1.6
MF-RHT700
9.51
8.73
7.95
7.0
6.17
5.61
5.15
4.66
3.88
1.73
MF-RHT750
10.2
9.4
8.6
7.5
6.6
6.1
5.6
5.0
4.1
1.9
MF-RHT800
10.87
9.98
9.08
8.0
7.06
6.41
5.88
5.33
4.43
1.97
MF-RHT900
12.21
11.19
10.16
9.0
7.97
7.20
6.56
6.04
5.01
2.19
MF-RHT1000
13.6
12.5
11.4
10.0
8.8
8.10
7.40
6.60
5.50
2.5
MF-RHT1100
14.94
13.72
12.49
11.0
9.7
8.82
8.09
7.32
6.09
2.71
MF-RHT1300
17.7
16.3
14.8
13.0
11.4
10.5
9.6
8.6
7.2
3.3
How to Order
MF - RHT 200 /32 - __ - 14
Multifuse® Product Designator
Series
RHT = High Temperature Radial Leaded Component
Hold Current, Ihold
050 - 1300 (0.50 - 13.00 Amps)
Higher Voltage Option
Blank = Standard Voltage
/32 = 32 Volts
Packaging Options
Blank = Bulk Packaging
- 2 = Tape & Reel*
- AP = Ammo-Pak*
Part Number Suffix Option
- 14 = Kinked Leads in Place of Std. Straight Leads
- 17 = Straight Leads in Place of Std. Kinked Leads
*Packaged per EIA 486-B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com