Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO2L Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # MCSO2L
Description  Airborne equipments
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSO2L Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  MCSO2L Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSO2L Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
MCSO2L family package5×3.2mm
From 40 MHz to 130 MHz LVDS Output
Recommended Solder Pad:
All dimensions in mm typical
ELECTRICAL
CHARACTERISTICS AT +25°C
Frequency stability (standard)
Over temperature range
(see orderding info)
Including: adjustment at 25°C
long term aging 10 years
over supply voltage ±5%
ΔF/F
≤ ± 100
ppm
Frequency stability version T
Over temperature range
(see ordering info)
Including: adjustment at +25°C
long term aging 1 year
over supply voltage ±5%
ΔF/F
≤ ± 50
ppm
Supply voltage ± 5%
1)*
Vdd
2.5 / 3.3
V
Input current
Idd
see table 1
Output signal (load 100 ohm)
LVDS
Symmetry (max)
45 / 55
%
Rise & fall time (20% to 80%)
<1
ns
Level Logic low (Typ/min)
1.1 / 0.9
V
Level Logic high (Typ/max)
1.4 / 1.6
V
Start-up time
t
<5
ms
Jitter RMS (1KHz to 1MHz)
<0.3
ps
100% Leadfree, RoHScompliant:
DESCRIPTION:
This SMD oscillator in ceramic package has been specially designed for
surface mount using infrared, vapor phase or epoxy techniques.
APPLICATIONS:
- Avionics
- Airborne equipments
- Remote control
- Security application
- Radio Transceiver
- Microprocessor clocks
The MCSO2L's are supplied on trays (128 pcs / tray)
For pick-and-place equipment, the parts are available in 12mm tapes
with 250 parts min
1000 parts min
SMT LVDS Clock oscillator in
ceramic package
Fundamental quartz mode frequency
High shock and vibration resistance
Wide temperature range
Low aging
Ultra low internal MSL
Very fast start-up
Excellent solderability
Swiss made quality
Customer specification on request
5.00
2.35
0.65
3.20
1.2
0.9
1
2
3
6
5
4
6
5
4
1
2
3
1.6
0.8
1.4
pin 1 E/D
pin 2 NC
pin 3 GND
pin 4 Fout
pin 5 CFout
pin 6 Vdd
Package:
Bottom view
* 1) C = 47nF ceramic must be connected
between GND & Vdd differential
Phase noise typical at 100MHz
Static conditions
10Hz
BW = 1Hz
100Hz
1 kHz
10 kHz
100kHz
-70
-100
-125
-145
-150
dBc/
Hz


Similar Part No. - MCSO2L

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO2LV GOLLEDGE-MCSO2LV Datasheet
556Kb / 4P
3.3V Low Jitter Oscillator with LVDS Output
MCSO2LW GOLLEDGE-MCSO2LW Datasheet
556Kb / 4P
2.5V Low Jitter Oscillator with LVDS Output
More results

Similar Description - MCSO2L

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VZX3495 CPI-VZX3495 Datasheet
393Kb / 1P
Airborne TWTA
logo
Toshiba Semiconductor
TPCA8078 TOSHIBA-TPCA8078 Datasheet
231Kb / 9P
Notebook PCs Mobile Equipments
logo
MICORO CRYSTAL SWITZERL...
MCSO6F MICROCRYSTAL-MCSO6F Datasheet
281Kb / 2P
Airbone equipments
MCSO1ES MICROCRYSTAL-MCSO1ES_17 Datasheet
418Kb / 2P
Airbone equipments
MCSO1F MICROCRYSTAL-MCSO1F_17 Datasheet
417Kb / 2P
Airbone equipments
MCSO2 MICROCRYSTAL-MCSO2_17 Datasheet
345Kb / 1P
Airbone equipments
MCSO6 MICROCRYSTAL-MCSO6_17 Datasheet
302Kb / 2P
Airbone equipments
logo
Harris Corporation
ARC-201D HARRIS-ARC-201D Datasheet
244Kb / 2P
SINCGARS AIRBORNE RADIO
RF-7850A-AT001 HARRIS-RF-7850A-AT001 Datasheet
229Kb / 2P
Airborne Antenna
RF-7850A-AT002 HARRIS-RF-7850A-AT002 Datasheet
306Kb / 2P
Airborne Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com