Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2MF Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # S2MF
Description  Surface Mount General Purpose Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

S2MF Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  S2MF Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. S2MF Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S2KF
S2MF
S2GF
S2JF
S2AF
S2BF
S2DF
S2AF THRU S2MF
Surface Mount General Purpose Silicon Rectifiers
Reverse Voltage - 50 to 1000 V
Forward Current - 2 A
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
Maximum Instantaneous Forward Voltage at 2 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum Average Forward Rectified Current
at Ta = 65
°C
Maximum DC Reverse Current
Ta = 25
°C
at Rated DC Blocking Voltage
Ta =125
°C
1)
Typical Junction Capacitance
2)
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
2
60
1.1
1
125
30
16
-55 ~ +150
A
A
V
μA
pF
°C
Maximum Ratings and Electrical characteristics
Typical Thermal Resistance
RθJA
Measured at 1 MHz and applied reverse voltage of 4 V D.C
2
)Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, P.C.B. mounted
1
)
°C/W
Cj
T , T
j
stg
Symbols
Units
FEATURES
For surface mounted applications
Low profile package
Glass Passivated Chip Juntion
Easy to pick and place
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: SMAF
Terminals: Solderable per MIL-STD-750, Method 2026
pprox. Weight: 27mg 0.00086oz
•
•
•
•
•
•
•
• A
星合电子
XINGHE ELECTRONICS
0.179(4.40)
0.199(5.05)
0.150(3.80)
0.035(0.90)
Dimensions in inches and (millimeters)
SMAF
Cathode Band
Top View
0.128(3.25)
0.110(2.80)
0.094(2.40)
0.051(1.30)
0.059(1.50)
0.055(1.40)
0.012(0.30)
0.006(0.15)
0.047(1.20)
0.028(0.70)
GAOMI XINGHE ELECTRONICS CO.,LTD.                      WWW.SDDZG.COM
1
XH


Similar Part No. - S2MF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2MF PANJIT-S2MF Datasheet
126Kb / 4P
SURFACE MOUNT RECTIFIER
logo
List of Unclassifed Man...
S2MF ETC2-S2MF Datasheet
525Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Guangdong Kexin Industr...
S2MF KEXIN-S2MF Datasheet
1Mb / 3P
Rectifier Diodes
logo
Microdiode Semiconducto...
S2MF CHENDA-S2MF Datasheet
626Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S2MF YFWDIODE-S2MF Datasheet
116Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
More results

Similar Description - S2MF

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
logo
Shanghai Yint Electroni...
S3AC YINT-S3AC Datasheet
495Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
S3AB YINT-S3AB Datasheet
494Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
S2ABF YINT-S2ABF Datasheet
498Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
G801DS YFWDIODE-G801DS Datasheet
486Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Dongguan Pingjingsemi T...
M1-PJ PJSEMI-M1-PJ Datasheet
902Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
S2AF-PJ PJSEMI-S2AF-PJ Datasheet
561Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
S3ABF-PJ PJSEMI-S3ABF-PJ Datasheet
693Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
M1F YFWDIODE-M1F Datasheet
472Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
SHIKUES Electronics
S2ABF SKTECHNOLGY-S2ABF Datasheet
439Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com