Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU2152FS Datasheet(PDF) 1 Page - LSI Computer Systems

Part # BU2152FS
Description  24bit serial/parallel converter IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

BU2152FS Datasheet(HTML) 1 Page - LSI Computer Systems

  BU2152FS Datasheet HTML 1Page - LSI Computer Systems BU2152FS Datasheet HTML 2Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
24bit serial/parallel converter IC
BU2152FS
Description
BU2152FS is a 24bit serial/parallel converter IC.
High-performance output terminal enables LED to
be driven directly. Bit numbers can be increased
easily by cascade connection.
Dimension (Units : mm)
Features
1) LED direct-drive (Output current: 25mA)
2) 24bit parallel output
3) TTL input
4) Low voltage operation (2.7V ~ 5.5V)
5) Serial data output for cascade connection
Applications
AV equipment such as component stereo, video, and TV
Equipment with built-in micro-controller, and personal computers
01W147A
April, 2002
Absolute Maximum Ratings (Ta=25˚C)
∗Derating :6.4mW/˚C for operation above Ta=25˚C
SSOP-A32
0.15
± 0.1
1
32
0.36
± 0.1
16
17
13.6
± 0.2
0.8
0.1
Supply voltage
Power dissipation
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
VDD
Pd
Topr
Tstg
-0.3 ~ +7.0
800
+85
+125
-25
-55
~
~
mW
˚C
˚C
V


Similar Part No. - BU2152FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2152FS ROHM-BU2152FS Datasheet
491Kb / 25P
Serial / Parallel 4-input Drivers
BU2152FS ROHM-BU2152FS Datasheet
491Kb / 25P
Serial / Parallel 4-input Drivers
BU2152FS ROHM-BU2152FS Datasheet
451Kb / 25P
Serial / Parallel 4-input Drivers
BU2152FS ROHM-BU2152FS Datasheet
1Mb / 16P
4-input Serial-in / Parallel-out Drivers
BU2152FS-E2 ROHM-BU2152FS-E2 Datasheet
491Kb / 25P
Serial / Parallel 4-input Drivers
More results

Similar Description - BU2152FS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E445 ONSEMI-MC10E445 Datasheet
100Kb / 8P
4-BIT SERIAL/ PARALLEL CONVERTER
1997 REV 3
MC10E446 ONSEMI-MC10E446 Datasheet
125Kb / 6P
4-BIT PARALLEL/ SERIAL CONVERTER
1996 REV 2
logo
Allegro MicroSystems
PG001M ALLEGRO-PG001M Datasheet
179Kb / 12P
PARALLEL-TO-SERIAL DATA CONVERTER
logo
Micrel Semiconductor
SY10E445 MICREL-SY10E445 Datasheet
92Kb / 8P
4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446 Datasheet
85Kb / 9P
4-BIT PARALLEL-TO-SERIAL CONVERTER
logo
List of Unclassifed Man...
EDE300 ETC1-EDE300 Datasheet
232Kb / 9P
EDE300 Parallel/ Serial Transceiver IC
logo
New Japan Radio
NJU3754 NJRC-NJU3754 Datasheet
99Kb / 6P
11-BIT PARALLEL TO SERIAL CONVERTER
logo
Unisonic Technologies
LS3718 UTC-LS3718 Datasheet
90Kb / 8P
20-BIT SERIAL TO PARALLEL CONVERTER
logo
Supertex, Inc
HV507PG-G SUTEX-HV507PG-G Datasheet
471Kb / 6P
64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter
logo
Semtech Corporation
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
4-bit serial / parallel converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com