Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7323 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7323
Description  4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7323 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7323 Datasheet HTML 17Page - Analog Devices AD7323 Datasheet HTML 18Page - Analog Devices AD7323 Datasheet HTML 19Page - Analog Devices AD7323 Datasheet HTML 20Page - Analog Devices AD7323 Datasheet HTML 21Page - Analog Devices AD7323 Datasheet HTML 22Page - Analog Devices AD7323 Datasheet HTML 23Page - Analog Devices AD7323 Datasheet HTML 24Page - Analog Devices AD7323 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
AD7323
Data Sheet
Rev. B | Page 20 of 36
When a conversion takes place, the common mode is rejected,
resulting in a noise-free signal of amplitude −2 × (4 × VREF)
to +2 × (4 × VREF) corresponding to Digital Code −4096 to
Digital Code +4095.
±16.5V VDD/VSS
±12V VDD/VSS
5
–6
4
3
2
1
0
–1
–2
–3
–4
–5
VCC = 3V
VREF = 3V
±2.5V
RANGE
±10V
RANGE
±5V RANGE
±2.5V
RANGE
±5V RANGE
±10V
RANGE
Figure 35. Common-Mode Range for VCC = 3 V and REFIN/OUT = 3 V
±16.5V VDD/VSS
±12V VDD/VSS
VCC = 5V
VREF = 3V
8
–4
6
4
2
0
–2
±2.5V
RANGE
±10V
RANGE
±5V RANGE
±2.5V
RANGE
±5V RANGE
±10V
RANGE
Figure 36. Common-Mode Range for VCC = 5 V and REFIN/OUT = 3 V
6
–8
4
2
0
–2
–4
–6
±16.5V VDD/VSS
±12V VDD/VSS
VCC = 3V
VREF = 2.5V
±2.5V
RANGE
±10V
RANGE
±5V RANGE
±2.5V
RANGE
±5V RANGE
±10V
RANGE
Figure 37. Common-Mode Range for VCC = 3 V and REFIN/OUT = 2.5 V
8
–8
6
4
2
0
–2
–4
–6
±16.5V VDD/VSS
±12V VDD/VSS
VCC = 5V
VREF = 2.5V
±2.5V
RANGE
±10V
RANGE
±5V RANGE
±2.5V
RANGE
±5V RANGE
±10V
RANGE
Figure 38. Common-Mode Range for VCC = 5 V and REFIN/OUT = 2.5 V
Pseudo Differential Inputs
The AD7323 can have two pseudo differential pairs or three
pseudo differential inputs referenced to a common VIN− input.
The VIN+ inputs are coupled to the signal source and must have
an amplitude within the selected range for that channel as
programmed in the range register. A dc input is applied to the
VIN− input. The voltage applied to this input provides an offset
for the VIN+ input from ground or a pseudo ground. Pseudo
differential inputs separate the analog input signal ground from
the ADC ground, allowing cancellation of dc common-mode
voltages.
When a conversion takes place, the pseudo ground corresponds
to Code −4096 and the maximum amplitude corresponds to
Code +4095.
AD73231
VIN+
V+
V–
VDD
VSS
VCC
5V
VIN–
1ADDITIONAL PINS OMITTED FOR CLARITY.
NOTES
1. VIN+ CAN BE VIN0, VIN1, OR VIN2, AND VIN– CAN BE VIN1
OR VIN3.
Figure 39. Pseudo Differential Inputs
Figure 40 and Figure 41 show the typical voltage range on the
VIN− input for the different analog input ranges when
configured in the pseudo differential mode.
For example, when the AD7323 is configured to operate in
pseudo differential mode and the ±5 V range is selected with
±16.5 V VDD/VSS supplies and 5 V VCC, the voltage on the VIN−
input can vary from −6.5 V to +6.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com