Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7623ACPRL Datasheet(PDF) 7 Page - Analog Devices

Part # AD7623ACPRL
Description  16-Bit, 1.33 MSPS PulSAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7623ACPRL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7623ACPRL Datasheet HTML 3Page - Analog Devices AD7623ACPRL Datasheet HTML 4Page - Analog Devices AD7623ACPRL Datasheet HTML 5Page - Analog Devices AD7623ACPRL Datasheet HTML 6Page - Analog Devices AD7623ACPRL Datasheet HTML 7Page - Analog Devices AD7623ACPRL Datasheet HTML 8Page - Analog Devices AD7623ACPRL Datasheet HTML 9Page - Analog Devices AD7623ACPRL Datasheet HTML 10Page - Analog Devices AD7623ACPRL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AD7623
Rev. 0 | Page 6 of 28
SERIAL CLOCK TIMING SPECIFICATIONS
Table 4. Serial Clock Timings in Master Read After Convert Mode
DIVSCLK[1]
0
0
1
1
DIVSCLK[0]
Symbol
0
1
0
1
Unit
SYNC to SCLK First Edge Delay Minimum
t18
0.5
3
3
3
ns
Internal SCLK Period Minimum
t19
8
16
32
64
ns
Internal SCLK Period Maximum
t19
12
25
50
100
ns
Internal SCLK High Minimum
t20
2
6
15
31
ns
Internal SCLK Low Minimum
t21
3
7
16
32
ns
SDOUT Valid Setup Time Minimum
t22
1
5
5
5
ns
SDOUT Valid Hold Time Minimum
t23
0
0.5
10
28
ns
SCLK Last Edge to SYNC Delay Minimum
t24
0
0.5
9
26
ns
BUSY High Width Maximum
t28
0.780
1.000
1.440
2.320
μs
NOTE
IN SERIAL INTERFACE MODES, THE SYNC, SCLK, AND
SDOUT ARE DEFINED WITH A MAXIMUM LOAD.
CL OF 10pF; OTHERWISE, THE LOAD IS 60pF MAXIMUM.
500
μAI
OL
500
μAI
OH
1.4V
TO OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for Digital Interface Timing,
SDOUT, SYNC, and SCLK Outputs, CL = 10 pF
0.8V
2V
2V
0.8V
0.8V
2V
tDELAY
tDELAY
Figure 3. Voltage Reference Levels for Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com