Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7623ACPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7623ACPZ
Description  16-Bit, 1.33 MSPS PulSAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7623ACPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7623ACPZ Datasheet HTML 9Page - Analog Devices AD7623ACPZ Datasheet HTML 10Page - Analog Devices AD7623ACPZ Datasheet HTML 11Page - Analog Devices AD7623ACPZ Datasheet HTML 12Page - Analog Devices AD7623ACPZ Datasheet HTML 13Page - Analog Devices AD7623ACPZ Datasheet HTML 14Page - Analog Devices AD7623ACPZ Datasheet HTML 15Page - Analog Devices AD7623ACPZ Datasheet HTML 16Page - Analog Devices AD7623ACPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AD7623
Rev. 0 | Page 12 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
2.0
–2.0
0
65536
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
16384
32768
49152
Figure 5. Integral Nonlinearity vs. Code
160k
0
7FFC
8004
CODE IN HEX
011
2406
2258
20
50472
58814
140k
120k
100k
80k
60k
40k
20k
7FFD 7FFE
7FFF
8000
8001
8002
8003
σ = 0.70
147157
Figure 6. Histogram of 261,120 Conversions of a DC Input
at the Code Center (External 2.5V Reference)
2.0530
2.0480
–55
125
TEMPERATURE (°C)
2.0525
2.0520
2.0515
2.0510
2.0505
2.0500
2.0495
2.0490
2.0485
–35
–15
5
25
45
65
85
105
Figure 7. Typical Reference Voltage Output vs. Temperature (3 Units)
1.5
–1.0
0
65536
CODE
1.0
0.5
0
–0.5
16384
32768
49152
Figure 8. Differential Nonlinearity vs. Code
160k
0
7FFC
8004
CODE IN HEX
140k
120k
100k
80k
60k
40k
20k
7FFD 7FFE
7FFF
8000
8001
8002
8003
σ = 0.82
0
119
5928
59008
62565
7217
168
1
126114
Figure 9. Histogram of 261,120 Conversions of a DC Input
at the Code Center (Internal Reference)
10
–10
–55
125
TEMPERATURE (°C)
8
6
4
2
0
–2
–4
–6
–8
–35
–15
5
25
45
65
85
105
+FS
–FS
ZERO
ERROR
Figure 10. Zero Error, Positive and Negative Full Scale vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com