Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7623AST Datasheet(PDF) 10 Page - Analog Devices

Part # AD7623AST
Description  16-Bit, 1.33 MSPS PulSAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7623AST Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7623AST Datasheet HTML 6Page - Analog Devices AD7623AST Datasheet HTML 7Page - Analog Devices AD7623AST Datasheet HTML 8Page - Analog Devices AD7623AST Datasheet HTML 9Page - Analog Devices AD7623AST Datasheet HTML 10Page - Analog Devices AD7623AST Datasheet HTML 11Page - Analog Devices AD7623AST Datasheet HTML 12Page - Analog Devices AD7623AST Datasheet HTML 13Page - Analog Devices AD7623AST Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
AD7623
Rev. 0 | Page 9 of 28
Pin No.
Mnemonic
Type1
Description
16
D7
DI/O
Bit 7 of the Parallel Port Data Output Bus.
or RDC
When SER/PAR = high, read during convert. When using serial master mode (EXT/INT = low), RDC is
used to select the read mode.
When RDC = high, the previous conversion result is read during current conversion and the period of
SCLK changes (see the Master Serial Interface section).
When RDC = low (read after convert), the current result is read after conversion.
or SDIN
Serial Data In. When using serial slave mode, (EXT/INT = high), SDIN could be used as a data input to
daisy-chain the conversion results from two or more ADCs onto a single SDOUT line. The digital data
level on SDIN is output on SDOUT with a delay of 16 SCLK periods after the initiation of the read
sequence.
17
OGND
P
Input/Output Interface Digital Power Ground.
18
OVDD
P
Input/Output Interface Digital Power. Nominally at the same supply as the supply of the host interface
(2.5 V or 3 V).
19
DVDD
P
Digital Power. Nominally at 2.5 V.
20
DGND
P
Digital Power Ground.
21
D8
DO
When SER/PAR = low, this output is used as Bit 8 of the parallel port data output bus.
or SDOUT
When SER/PAR = high, serial data output. In serial mode, this pin is used as the serial data output
synchronized to SCLK. Conversion results are stored in an on-chip register. The AD7623 provides the
conversion result, MSB first, from its internal shift register. The data format is determined by the logic
level of OB/2C.
In master mode, (EXT/INT = low). SDOUT is valid on both edges of SCLK.
In slave mode, (EXT/INT = high):
When INVSCLK = low, SDOUT is updated on SCLK rising edge and valid on the next falling edge.
When INVSCLK = high, SDOUT is updated on SCLK falling edge and valid on the next rising edge.
22
D9
DI/O
Parallel Port Data Output Bus Bit 9. When SER/PAR = low, this output is used as Bit 9 of the parallel port
data output bus.
or SCLK
Serial Clock. When SER/PAR = high, serial clock. In all serial modes, this pin is used as the serial data
clock input or output, dependent on the logic state of the EXT/INT pin. The active edge where the data
SDOUT is updated depends on the logic state of the INVSCLK pin.
23
D10
DO
When SER/PAR = low, this output is used as Bit 10 of the parallel port data output bus.
or SYNC
When SER/PAR = high, frame synchronization. In serial master mode (EXT/INT= low), this output is
used as a digital output frame synchronization for use with the internal data clock.
When a read sequence is initiated and INVSYNC = low, SYNC is driven high and remains high while
SDOUT output is valid.
When a read sequence is initiated and INVSYNC = high, SYNC is driven low and remains low while
SDOUT output is valid.
24
D11
DO
Parallel Port Data Output Bus Bit 11. When SER/PAR = low, this output is used as Bit 11 of the parallel
port data output bus.
or RDERROR
Read Error. When SER/PAR = high, read error. In serial slave mode (EXT/INT = high), this output is used
as an incomplete read error flag. If a data read is started and not completed when the current
conversion is complete, the current data is lost and RDERROR is pulsed high.
25 to 28
D[12:15]
DO
Bit 12 to Bit 15 of the Parallel Port Data Output Bus.
29
BUSY
DO
Busy Output. Transitions high when a conversion is started, and remains high until the conversion is
complete and the data is latched into the on-chip shift register. The falling edge of BUSY can be used
as a data ready clock signal.
30
DGND
P
Digital Power Ground.
31
RD
DI
Read Data. When CS and RD are both low, the interface parallel or serial output bus is enabled.
32
CS
DI
Chip Select. When CS and RD are both low, the interface parallel or serial output bus is enabled. CS is
also used to gate the external clock in slave serial mode.
33
RESET
DI
Reset Input. When high, reset the AD7623. Current conversion if any is aborted. Falling edge of RESET
enables the calibration mode indicated by pulsing BUSY high. Refer to the Digital Interface section. If
not used, this pin can be tied to DGND.
34
PD
DI
Power-Down Input. When high, power down the ADC. Power consumption is reduced and conversions
are inhibited after the current one is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com