Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7643 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7643
Description  18-Bit, 1.25 MSPS PulSAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7643 Datasheet(HTML) 4 Page - Analog Devices

  AD7643 Datasheet HTML 1Page - Analog Devices AD7643 Datasheet HTML 2Page - Analog Devices AD7643 Datasheet HTML 3Page - Analog Devices AD7643 Datasheet HTML 4Page - Analog Devices AD7643 Datasheet HTML 5Page - Analog Devices AD7643 Datasheet HTML 6Page - Analog Devices AD7643 Datasheet HTML 7Page - Analog Devices AD7643 Datasheet HTML 8Page - Analog Devices AD7643 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
AD7643
Rev. 0 | Page 3 of 28
SPECIFICATIONS
AVDD = DVDD = 2.5 V; OVDD = 2.3 V to 3.6 V; VREF = 2.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
18
Bits
ANALOG INPUT
Voltage Range
VIN+ − VIN−
−VREF
+VREF
V
Operating Input Voltage
VIN+, VIN− to AGND
−0.1
AVDD1
V
Analog Input CMRR
fIN = 100 kHz
58
dB
Input Current
1.25 MSPS throughput
2.5
μA
Input Impedance2
THROUGHPUT SPEED
Complete Cycle
800
ns
Throughput Rate
1.25
MSPS
DC ACCURACY
Integral Linearity Error3
−3
±1.5
+3
LSB4
No Missing Codes
18
Bits
Differential Linearity Error
−1
+1.25
LSB
Transition Noise
VREF = 2.5 V
1.7
LSB
VREF = 2.048 V
2.0
LSB
Zero Error, TMIN to TMAX5
−16
+16
LSB
Zero Error Temperature Drift
±1
ppm/°C
Gain Error, TMIN to TMAX5
−22
+22
LSB
Gain Error Temperature Drift
±1
ppm/°C
Power Supply Sensitivity
AVDD = 2.5 V ± 5%
±16
LSB
AC ACCURACY
Dynamic Range
VREF = 2.5 V
95
dB6
Signal-to-Noise
fIN = 1 kHz, VREF = 2.5 V
93.5
dB
fIN = 20 kHz, VREF = 2.5 V
93.5
dB
fIN = 20 kHz, VREF = 2.048 V
92
dB
fIN = 100 kHz, VREF = 2.5 V
93
dB
Spurious-Free Dynamic Range
fIN = 1 kHz, VREF = 2.5 V
118
dB
fIN = 20 kHz, VREF = 2.5 V
114
dB
fIN = 20 kHz, VREF = 2.048 V
111
dB
fIN = 100 kHz, VREF = 2.5 V
108
dB
Total Harmonic Distortion
fIN = 1 kHz, VREF = 2.5 V
−114
dB
fIN = 20 kHz, VREF = 2.5 V
−113
dB
fIN = 20 kHz, VREF = 2.048 V
−109
dB
fIN = 100 kHz, VREF = 2.5 V
−105
dB
Signal-to-(Noise + Distortion)
fIN = 1 kHz, VREF = 2.5 V
93.5
dB
fIN = 20 kHz, VREF = 2.5 V
93.5
dB
fIN = 20 kHz, VREF = 2.048 V
91.8
dB
fIN = 100 kHz, VREF = 2.5 V
92.5
dB
−3 dB Input Bandwidth
50
MHz
SAMPLING DYNAMICS
Aperture Delay
1
ns
Aperture Jitter
5
ps rms
Transient Response
Full-scale step
250
ns
INTERNAL REFERENCE
PDREF = PDBUF = low
Output Voltage
REF @ 25°C
2.038
2.048
2.058
V
Temperature Drift
−40°C to +85°C
±8
ppm/°C
Line Regulation
AVDD = 2.5 V ± 5%
±15
ppm/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com