Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7643BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7643BCPZ
Description  18-Bit, 1.25 MSPS PulSAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7643BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7643BCPZ Datasheet HTML 9Page - Analog Devices AD7643BCPZ Datasheet HTML 10Page - Analog Devices AD7643BCPZ Datasheet HTML 11Page - Analog Devices AD7643BCPZ Datasheet HTML 12Page - Analog Devices AD7643BCPZ Datasheet HTML 13Page - Analog Devices AD7643BCPZ Datasheet HTML 14Page - Analog Devices AD7643BCPZ Datasheet HTML 15Page - Analog Devices AD7643BCPZ Datasheet HTML 16Page - Analog Devices AD7643BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AD7643
Rev. 0 | Page 12 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
3.0
–3.0
0
262144
CODE
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
65536
131072
196608
Figure 5. Integral Nonlinearity vs. Code
40000
0
CODE IN HEX
35000
30000
25000
20000
15000
10000
5000
σ = 1.67
VREF = 2.5V
01
3
16
30
228
59
33606
26875
23521
17320
4848
3062
13376
6371
1295
488
Figure 6. Histogram of 131,072 Conversions of a DC Input at
the Code Center (External Reference)
2.0486
2.0484
2.0482
2.0480
2.0478
2.0476
2.0474
2.0472
2.0470
–55
125
105
85
65
45
25
5
–15
–35
TEMPERATURE (°C)
Figure 7. Typical Reference Voltage Output vs. Temperature (2 Units)
1.25
–1.0
0
262144
CODE
0.5
65536
131072
196608
1.0
0
–0.5
Figure 8. Differential Nonlinearity vs. Code
35000
0
CODE IN HEX
30000
25000
20000
15000
10000
5000
21 28 305 665
297 108 32
4726 5401
15505
18613
28621
24350
16141
3807
10173
2306
σ = 2.04
VREF = 2.048V
Figure 9. Histogram of 131,072 Conversions of a DC Input at
the Code Center (Internal Reference)
12
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
–55
125
105
85
65
45
25
5
–15
–35
TEMPERATURE (°C)
GAIN ERROR
ZERO ERROR
Figure 10. Zero Error, Gain Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com