Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7760 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7760
Description  Sigma-Delta ADC with On-Chip Buffer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7760 Datasheet HTML 9Page - Analog Devices AD7760 Datasheet HTML 10Page - Analog Devices AD7760 Datasheet HTML 11Page - Analog Devices AD7760 Datasheet HTML 12Page - Analog Devices AD7760 Datasheet HTML 13Page - Analog Devices AD7760 Datasheet HTML 14Page - Analog Devices AD7760 Datasheet HTML 15Page - Analog Devices AD7760 Datasheet HTML 16Page - Analog Devices AD7760 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AD7760
Rev. A | Page 12 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD1 = DVDD = VDRIVE = 2.5 V, AVDD2 = AVDD3 = AVDD4 = 5 V, VREF = 4.096 V, TA = 25°C, normal mode, unless otherwise noted. All
FFTs are generated from 65,536 samples using a 7-term Blackman-Harris window.
0
4000
8000
12000
16000
20000
–200
0
–25
–50
–75
–100
–125
–150
–175
24000
FREQUENCY (Hz)
Figure 5. Normal Mode FFT, 1 kHz, −0.5 dB Input Tone, 256× Decimation
0
4000
8000
12000
16000
20000
–200
0
–25
–50
–75
–100
–125
–150
–175
24000
FREQUENCY (Hz)
Figure 6. Normal Mode FFT, 1 kHz, −6 dB Input Tone, 256× Decimation
0
4000
8000
12000
16000
20000
–200
0
–25
–50
–75
–100
–125
–150
–175
24000
FREQUENCY (Hz)
Figure 7. Normal Mode FFT, 1 kHz, −60 dB Input Tone, 256× Decimation
0
4000
8000
12000
16000
20000
–200
0
–25
–50
–75
–100
–125
–150
–175
24000
FREQUENCY (Hz)
Figure 8. Low Power FFT, 1 kHz, −0.5 dB Input Tone, 256× Decimation
0
4000
8000
12000
16000
20000
–200
0
–25
–50
–75
–100
–125
–150
–175
24000
FREQUENCY (Hz)
Figure 9. Low Power FFT, 1 kHz, −6 dB Input Tone, 256× Decimation
0
4000
8000
12000
16000
20000
–200
0
–25
–50
–75
–100
–125
–150
–175
24000
FREQUENCY (Hz)
Figure 10. Low Power FFT, 1 kHz, −60 dB Input Tone, 256× Decimation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com