Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3003 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # MM3003
Description  Small Signal Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

MM3003 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  MM3003 Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Small Signal Transistors
TO-39 Case (Continued)
67
www.centralsemi.com
TYPE NO.
DESCRIPTION
VCBO
VCEO
VEBO ICBO @VCB
hFE
@ IC @ VCE VCE(SAT)@IC
fT
Cob
ton
toff
NF
(V)
(V)
(V)
(
µµA)
(V)
(mA)
(V)
(V)
(mA)
(MHz)
(pF)
(ns)
(ns)
(dB)
*VCER
*ICEO
*TYP *TYP *TYP
*TYP
*TYP
**ICES
***ICEV
****ICER
MIN
MIN
MIN
MIN
MAX
MAX
MIN
MAX MAX
MAX
MAX
BSY52
NPN AMPL/SWITCH
60
25
5.0
0.10
30
100
300
150
10
0.80
150
130*
10
- -
- -
- -
BSY53
NPN AMPL/SWITCH
75
30
7.0
0.01
60
40
120
150
10
0.60
150
100*
10
- -
- -
- -
BSY54
NPN AMPL/SWITCH
75
30
7.0
0.01
60
100
300
150
10
0.60
150
145*
10
- -
- -
- -
BSY55
NPN AMPL/SWITCH
120
80
7.0
0.01
90
40
120
150
10
0.60
150
100*
10
- -
- -
- -
BSY56
NPN AMPL/SWITCH
120
80
7.0
0.01
90
100
300
150
10
0.60
150
145*
10
- -
- -
- -
BSY88
NPN AMPL/SWITCH
100
60
7.0
0.01
75
100
300
150
10
0.60
150
- -
- -
- -
- -
- -
BUY47
NPN HIGH CURRENT
150
120
6.0
10
80
15
- -
5,000
5.0
1.00
5,000
90*
80
1,000 2,000
- -
BUY48
NPN HIGH CURRENT
200
170
6.0
10
100
15
- -
5,000
5.0
1.00
5,000
90*
80
1,000 2,000
- -
BUY49S
NPN HIGH VOLTAGE
250
200
6.0
0.10
200
40
- -
500
5.0
0.20
500
50
30
300
1,000
- -
BUY68
NPN HIGH CURRENT
100
60
6.0
1.00
60
40
250
1,000
1.0
1.00
5,000
50
80
350
750
- -
MJ 420
NPN HIGH VOLTAGE
275
250
6.0
100
275
25
250
30
20
5.00
30
15
12
- -
- -
- -
MJ 420S NPN HIGH VOLTAGE
275
250
6.0
100
275
25
250
30
20
5.00
30
150
12
- -
- -
- -
MJ 421
NPN HIGH VOLTAGE
350
325
6.0
100
350
25
250
30
20
5.00
30
15
12
- -
- -
- -
MJ 421S NPN HIGH VOLTAGE
350
325
6.0
100
350
25
250
30
20
5.00
30
15
12
- -
- -
- -
MM 420
NPN HIGH VOLTAGE
275
250
6.0
100
275
25
250
30
20
5.00
30
15
12
- -
- -
- -
MM 421
NPN HIGH VOLTAGE
350
325
6.0
100
350
25
250
30
20
5.00
30
15
12
- -
- -
- -
MM3000 NPN HIGH VOLTAGE
100
100
5.0
1.00
50
20
- -
10
10
- -
- -
150
7.0
- -
- -
- -
MM3001 NPN HIGH VOLTAGE
150
150
5.0
1.00
75
20
- -
10
10
- -
- -
150
7.0
- -
- -
- -
MM3002 NPN HIGH VOLTAGE
200
200
5.0
5.00
100
20
- -
10
10
- -
- -
150
15
- -
- -
- -
MM3003 NPN HIGH VOLTAGE
250
250
5.0
5.00
100
20
- -
10
10
- -
- -
150
15
- -
- -
- -
MM3005 NPN AMPL/SWITCH
80
60
5.0
100
60
50
250
150
1.0
0.35
150
50
15
- -
- -
- -
MM3006 NPN AMPL/SWITCH
100
80
5.0
100
80
50
250
200
1.0
0.35
150
50
15
- -
- -
- -
MM3007 NPN AMPL/SWITCH
120
100
5.0
100
100
50
250
250
1.0
0.35
150
50
15
- -
- -
- -
MM3008 NPN HIGH VOLTAGE
120
120
6.0
0.10
120
30
- -
1.0
10
- -
- -
50
3.0
- -
- -
- -
MM3009 NPN HIGH VOLTAGE
180
180
6.0
0.10
180
30
- -
1.0
10
- -
- -
50
3.0
- -
- -
- -
MM4000 PNP HIGH VOLTAGE
100
100
4.0
1.00
50
20
- -
10
10
0.60
10
- -
6.0
- -
- -
- -
MM4001 PNP HIGH VOLTAGE
150
150
4.0
1.00
75
20
- -
10
10
0.60
10
- -
10
- -
- -
- -
MM4002 PNP HIGH VOLTAGE
200
200
4.0
5.00
150
20
- -
10
10
5.00
10
- -
20
- -
- -
- -
MM4003 PNP HIGH VOLTAGE
250
250
4.0
5.00
150
20
- -
10
10
5.00
10
- -
20
- -
- -
- -
MM5415 PNP HIGH VOLTAGE
200
200
4.0
50
175
30
150
50
10
2.50
50
15
25
- -
- -
- -
MM5416 PNP HIGH VOLTAGE
350
300
7.0
50
280
30
120
50
10
2.50
50
15
25
- -
- -
- -
SE7001
NPN HIGHVOLTAGE
150
150
5.0
0.10
75
30
- -
30
10
2.00
50
40
9.0
- -
- -
- -
SE7002
NPN HIGH VOLTAGE
120
120
5.0
0.10
75
30
- -
30
10
0.90
50
40
3.5
- -
- -
- -
SE7056
NPN HIGH VOLTAGE
300
300
7.0
0.10
200
40
100
30
10
1.00
20
40
3.0
- -
- -
- -
40327
NPN HIGH VOLTAGE
300
300*
5.0
0.10
150
40
250
20
10
- -
- -
- -
- -
- -
- -
- -
40347
NPN AMPL/SWITCH
60
40
7.0
1.00****
30
20
80
450
4.0
1.00
450
- -
- -
- -
- -
- -
40348
NPN AMPL/SWITCH
90
65
7.0
1.00****
60
30
100
300
4.0
0.75
300
- -
- -
- -
- -
- -
40406
PNP AMPL/SWITCH
50
50
4.0
- -
- -
30
200
0.1
10
- -
- -
100*
- -
- -
- -
- -
40408
NPN AMPL/SWITCH
50
90
4.0
- -
- -
40
200
10
4.0
1.40
150
100*
- -
- -
- -
- -
40412
NPN HIGH VOLTAGE
250
250*
4.0
2.00***
150
40
- -
30
20
0.50
10
10
10
- -
- -
- -


Similar Part No. - MM3003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MM300 ETC-MM300 Datasheet
62Kb / 1P
Digital Multimeter, Manual-Ranging, 600V
logo
Mitsumi Electronics, Co...
MM3002 MITSUMI-MM3002 Datasheet
136Kb / 6P
CMOS Operational Amplifier (Single)
MM3005 MITSUMI-MM3005 Datasheet
193Kb / 18P
CMOS Switching Regulator (PWM controlled)
MM3005A MITSUMI-MM3005A Datasheet
193Kb / 18P
CMOS Switching Regulator (PWM controlled)
MM3005B MITSUMI-MM3005B Datasheet
193Kb / 18P
CMOS Switching Regulator (PWM controlled)
More results

Similar Description - MM3003

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N5183 CENTRAL-2N5183 Datasheet
33Kb / 1P
Small Signal Transistors
2N4030 CENTRAL-2N4030 Datasheet
55Kb / 1P
Small Signal Transistors
2N5785 CENTRAL-2N5785 Datasheet
56Kb / 1P
Small Signal Transistors
BFR1 CENTRAL-BFR1 Datasheet
33Kb / 1P
Small Signal Transistors
BFX88 CENTRAL-BFX88 Datasheet
56Kb / 1P
Small Signal Transistors
PN5133 CENTRAL-PN5133 Datasheet
56Kb / 1P
Small Signal Transistors
2N3011 CENTRAL-2N3011 Datasheet
33Kb / 1P
Small Signal Transistors
2N3402 CENTRAL-2N3402 Datasheet
54Kb / 1P
Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N6431 NJSEMI-2N6431 Datasheet
92Kb / 1P
SMALL SIGNAL TRANSISTORS
logo
Central Semiconductor C...
2N3576 CENTRAL-2N3576 Datasheet
534Kb / 1P
Small Signal Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com