Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE34686 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE34686
Description  SMA Female Bulkhead to MMCX Plug Right Angle Cable Using RG316 Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE34686 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE34686 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE34686 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE34686 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
How to Order
PartNumberConfiguration:
PE34686
-
xx
uu
|
|
|
UnitofMeasure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example: PE34686-12=12incheslongcable
PE34686-100cm = 100 cm long cable
SMA Female Bulkhead to MMCX Plug Right Angle Cable Using RG316 Coax, RoHS from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: SMA Female Bulkhead to MMCX Plug Right Angle Cable Using RG316 Coax, RoHS PE34686
URL:http://www.pasternack.com/sma-female-mmcx-plug-rg316u-cable-assembly-pe34686-p.aspx
PE34686 REV 1.0
PE34686
SMA Female Bulkhead to MMCX Plug Right Angle
Cable Using RG316 Coax, RoHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com