Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT4403 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT4403
Description  COMPLEMENTARY SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT4403 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT4403 Datasheet HTML 1Page - Central Semiconductor Corp CMPT4403 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
CMPT4401
CMPT4403
UNITS
Collector-Base Voltage
VCBO
60
40
V
Collector-Emitter Voltage
VCEO
40
40
V
Emitter-Base Voltage
VEBO
6.0
5.0
V
Continuous Collector Current
IC
600
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMPT4401
CMPT4403
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICEV
VCE=35V, VEB=0.4V
0.1
0.1
µA
IBEV
VCE=35V, VEB=0.4V
0.1
0.1
µA
BVCBO
IC=100µA
60
40
V
BVCEO
IC=1.0mA
40
40
V
BVEBO
IE=100µA
6.0
5.0
V
VCE(SAT) IC=150mA, IB=15mA
0.40
0.40
V
VCE(SAT) IC=500mA, IB=50mA
0.75
0.75
V
VBE(SAT) IC=150mA, IB=15mA
0.75
0.95
0.75
0.95
V
VBE(SAT) IC=500mA, IB=50mA
1.2
1.3
V
hFE
VCE=1.0V, IC=0.1mA
20
30
hFE
VCE=1.0V, IC=1.0mA
40
60
hFE
VCE=1.0V, IC=10mA
80
100
CMPT4401 NPN
CMPT4403 PNP
COMPLEMENTARY
SILICON TRANSISTORS
SOT-23 CASE
Central
Semiconductor Corp.
TM
R4 (26-September 2002)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT4401,
CMPT4403 types are complementary silicon
transistors manufactured by the epitaxial planar
process, epoxy molded in a surface mount
package, designed for small signal general
purpose amplifier and switching applications.
MARKING CODES:
CMPT4401: C2X
CMPT4403: C2T


Similar Part No. - CMPT4403

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT4403 CENTRAL-CMPT4403 Datasheet
329Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT4403 CENTRAL-CMPT4403 Datasheet
329Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - CMPT4403

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC635 MICRO-ELECTRONICS-BC635 Datasheet
184Kb / 2P
COMPLEMENTARY SILICON TRANSISTORS
logo
Central Semiconductor C...
CMPT3904 CENTRAL-CMPT3904 Datasheet
100Kb / 2P
COMPLEMENTARY SILICON TRANSISTORS
logo
Unisonic Technologies
2N3773 UTC-2N3773 Datasheet
69Kb / 5P
COMPLEMENTARY SILICON TRANSISTORS
2N3773 UTC-2N3773_12 Datasheet
154Kb / 3P
COMPLEMENTARY SILICON TRANSISTORS
logo
Central Semiconductor C...
MPS6560 CENTRAL-MPS6560 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON TRANSISTORS
MPSA05 CENTRAL-MPSA05_15 Datasheet
1Mb / 5P
COMPLEMENTARY SILICON TRANSISTORS
MPSA20 CENTRAL-MPSA20 Datasheet
331Kb / 2P
COMPLEMENTARY SILICON TRANSISTORS
logo
Unisonic Technologies
2N6099 UTC-2N6099_15 Datasheet
73Kb / 3P
COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5814 NJSEMI-2N5814 Datasheet
80Kb / 1P
COMPLEMENTARY SILICON TRANSISTORS
WW18 NJSEMI-WW18 Datasheet
122Kb / 2P
Silicon Complementary Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com