Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2780 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2780
Description  Ultra-Low Ripple Switched Capacitor Voltage Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2780 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2780 Datasheet HTML 1Page - National Semiconductor (TI) LM2780 Datasheet HTML 2Page - National Semiconductor (TI) LM2780 Datasheet HTML 3Page - National Semiconductor (TI) LM2780 Datasheet HTML 4Page - National Semiconductor (TI) LM2780 Datasheet HTML 5Page - National Semiconductor (TI) LM2780 Datasheet HTML 6Page - National Semiconductor (TI) LM2780 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Connection Diagram
8-Bump Thin Micro SMD Package
NS Package Number TPA08
20044602
Pin Description
Pin
Name
Description
A1
C2+
Secondary flying-capacitor connection
B1
V
IN
Input voltage. Input range: 1.8V to 5.5V
C1
C1+
Primary flying-capacitor connection
A2
SD
Shutdown pin logic input. Low = on, High = shutdown
C2
GND
Ground
A3
C2-
Secondary flying-capacitor connection
B3
V
OUT
Output voltage. V
OUT =-VIN
C3
C1-
Primary flying capacitor connection
Ordering Information
Order Number
Package Description
Package
Marking
Supplied as
LM2780TP
TPA08: Thin Micro SMD
11
Tape and reel, 250 pcs.
LM2780TPX
TPA08: Thin Micro SMD
11
Tape and reel, 3000 pcs.
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com