Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZT460 Datasheet(PDF) 1 Page - Power Semiconductors

Part # AZT460
Description  HIGH CURRENT PHASE CONTROL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AZT460 Datasheet(HTML) 1 Page - Power Semiconductors

  AZT460 Datasheet HTML 1Page - Power Semiconductors AZT460 Datasheet HTML 2Page - Power Semiconductors AZT460 Datasheet HTML 3Page - Power Semiconductors AZT460 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HIGH CURRENT PHASE CONTROL
AZT460
THYRISTOR INSULATED MODULE
Repetitive voltage up to
4500 V
Mean forward current
472 A
Surge current
11 kA
FINAL SPECIFICATION
May 17 - Issue: 3
Symbol
Characteristic
Conditions
Tj
[°C]
Value
Unit
BLOCKING
V RRM
Repetitive peak reverse voltage
125
4500
V
V RSM
Non-repetitive peak reverse voltage
125
4600
V
V DRM
Repetitive peak off-state voltage
125
4500
V
I RRM
Repetitive peak reverse current
125
100
mA
I DRM
Repetitive peak off-state current
125
100
mA
CONDUCTING
I T (AV)
Mean forward current
180° sin, 50 Hz, Tc=55°C, double side cooled
695
A
I T (AV)
Mean forward current
180° sin, 50 Hz, Tc=85°C, double side cooled
472
A
I TSM
Surge forward current
Sine wave, 10 ms
125
11
kA
I² t
I² t
without reverse voltage
605 x 10
3
A²s
V T
On-state voltage
On-state current =
1800 A
25
2,66
V
V T(TO)
Threshold voltage
125
1,20
V
r T
On-state slope resistance
125
0,700
mohm
SWITCHING
di/dt
Critical rate of rise of on-state current, min.
From 75% VDRM up to 1050 A; gate 10V, 5
W
125
400
A/µs
dv/dt
Critical rate of rise of off-state voltage, min.
Linear ramp up to 70% of VDRM
125
1000
V/µs
t d
Gate controlled delay time, typical
VD=100V; gate source 25V, 10
W , tr=.5 µs
25
3
µs
t q
Circuit commutated turn-off time, typical
dv/dt = 20 V/µs linear up to 75% VDRM
350
µs
Q rr
Reverse recovery charge
di/dt = -20 A/µs, I= 700 A
125
µC
I rr
Peak reverse recovery current
VR= 50 V
A
I H
Holding current, typical
VD=5V, gate open circuit
25
mA
I L
Latching current, typical
VD=5V, tp=30µs
25
mA
GATE
V GT
Gate trigger voltage
VD=5V
25
3,50
V
I GT
Gate trigger current
VD=5V
25
300
mA
V GD
Non-trigger gate voltage, min.
VD=VDRM
125
0,25
V
V FGM
Peak gate voltage (forward)
30
V
I FGM
Peak gate current
10
A
V RGM
Peak gate voltage (reverse)
5
V
P GM
Peak gate power dissipation
Pulse width 100 µs
150
W
P G
Average gate power dissipation
2
W
MOUNTING
R th(j-h)
Thermal impedance, DC
Junction to heatsink, double side cooled
42,0
°C/kW
R th(c-h)
Thermal impedance
Case to heatsink, double side cooled
20
°C/kW
T j
Operating junction temperature
-30 / 125
°C
F
Mounting force
04,0 / 06,0
kN
Mass
2800
g
ORDERING INFORMATION : AZT460 S 45
standard specification
VRRM/100
POSEICO SPA
Via Pillea 42-44, 16153 Genova - ITALY
Tel. + 39 010 8599400 - Fax + 39 010 8682006
Sales Office:
Tel. + 39 010 8599400 - sales@poseico.com


Similar Part No. - AZT460

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AZT400HVI POSEICO-AZT400HVI Datasheet
150Kb / 4P
HIGH CURRENT PHASE CONTROL
AZT400HVIS45 POSEICO-AZT400HVIS45 Datasheet
150Kb / 4P
HIGH CURRENT PHASE CONTROL
More results

Similar Description - AZT460

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
Phase Control Circuit for Current Feedback
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
logo
Power Semiconductors
AZT310HVI POSEICO-AZT310HVI Datasheet
138Kb / 4P
HIGH CURRENT PHASE CONTROL
AZT400HVI POSEICO-AZT400HVI Datasheet
150Kb / 4P
HIGH CURRENT PHASE CONTROL
AZT530 POSEICO-AZT530 Datasheet
138Kb / 4P
HIGH CURRENT PHASE CONTROL
AZT630 POSEICO-AZT630 Datasheet
139Kb / 4P
HIGH CURRENT PHASE CONTROL
AZT740 POSEICO-AZT740 Datasheet
197Kb / 4P
HIGH CURRENT PHASE CONTROL
AZT800 POSEICO-AZT800 Datasheet
139Kb / 4P
HIGH CURRENT PHASE CONTROL
AZT1150 POSEICO-AZT1150 Datasheet
149Kb / 4P
HIGH CURRENT PHASE CONTROL
logo
Schneider Electric
RM35JA31MW SCHNEIDER-RM35JA31MW Datasheet
162Kb / 7P
Modular 1-phase current control relay
Aug 11, 2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com