Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B3383 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3B3383
Description  3.3V, 5-Bit, 4-Port Bus Exchange NanoSwitch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3383 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3B3383 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3383 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3383 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3383 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3383 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PI3B3383
3.3V, 5-Bit, 4-Port Bus Exchange
NanoSwitchTM
4
PS8580
10/18/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Applications
Logic Inputs
The logic control inputs can be driven up to +3.6V regardless of the supply voltage. For example, given a 3.0V supply, the control or
select pins may be driven low to 0V and high to 3.6V. Driving the control or select pins Rail-toRail minimizes power consumption.
Power-Supply Sequencing
Proper power-supply sequencing is recommended for all CMOS devices. Always apply VCC before applying signals to the input/
output or control pins.
t
r
a
Pe
g
a
k
c
a
P
-
n
i
Pe
r
u
t
a
r
e
p
m
e
T
L
3
8
3
3
B
3
I
P)
L
(
P
O
S
S
T
4
2
C
°
5
8
+
o
t
C
°
0
4
–
Q
3
8
3
3
B
3
I
P)
Q
(
P
O
S
Q
4
2
OrderingInformation
Parameter Measurements
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Notes:
1. CL includes probe and jig capacitance.
2. Waveform 1 is for an output with internal conditions such that the output is LOW except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is HIGH except when disabled by the output control.
3. All input pulses are supplied by generators having the following characteristics: PRR<10MHz, ZO = 50Ω, tr ≤2.5ns, tf ≤2.5ns.
4. The outputs are measured one at a time with one transition per measurement.
5. tPLZ and tPHZ are the same as tdis.
6. tPZL and tPZH are the same as ten.
7. tPLH and tPHL are the same as tpd.
tPZL
Output
Control
(Low Level
Enabling)
0V
1.5V
1.5V
1.5V
1.5V
tPLZ
tPHZ
VOL
3V
0V
tPZH
+0.3V
-0.3V
Output
Waveform 1
S1 at 6V
(see Note 2)
Output
Waveform 2
S1 at Open
(see Note 2)
VOH
VOH
VOL
3V
t
s
e
T1
S
t D
P
n
e
p
O
t Z
L
P
t
/
L
Z
P
V
6
t
Z
H
P
t
/
H
Z
P
D
N
G
500
Ω
500
Ω
GND
6V
Open
S1
LOAD CIRCUIT
From Output
Under Test
CL = 50pF
(See note 1)
Input
tPLH
tPHL
3V
1.5V
1.5V
1.5V
1.5V
0V
Output
VOH
VOL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com