Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C46B-E/MS Datasheet(PDF) 10 Page - Microchip Technology

Part # 93C46B-E/MS
Description  1K Microwire Compatible Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C46B-E/MS Datasheet(HTML) 10 Page - Microchip Technology

Back Button 93C46B-E/MS Datasheet HTML 6Page - Microchip Technology 93C46B-E/MS Datasheet HTML 7Page - Microchip Technology 93C46B-E/MS Datasheet HTML 8Page - Microchip Technology 93C46B-E/MS Datasheet HTML 9Page - Microchip Technology 93C46B-E/MS Datasheet HTML 10Page - Microchip Technology 93C46B-E/MS Datasheet HTML 11Page - Microchip Technology 93C46B-E/MS Datasheet HTML 12Page - Microchip Technology 93C46B-E/MS Datasheet HTML 13Page - Microchip Technology 93C46B-E/MS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
93AA46A/B/C, 93LC46A/B/C, 93C46A/B/C
DS21749D-page 10
 2003 Microchip Technology Inc.
2.9
WRITE ALL (WRAL)
The Write All (WRAL) instruction will write the entire
memory array with the data specified in the command.
For 93AA46A/B/C and 93LC46A/B/C devices, after the
last data bit is clocked into DI, the falling edge of CS
initiates the self-timed auto-erase and programming
cycle. For 93C46A/B/C devices, the self-timed auto-
erase and programming cycle is initiated by the rising
edge of CLK on the last data bit. Clocking of the CLK
pin is not necessary after the device has entered the
WRAL cycle. The WRAL command does include an
automatic ERAL cycle for the device. Therefore, the
WRAL
instruction does not require an ERAL instruction
but the chip must be in the EWEN status.
The DO pin indicates the READY/BUSY status of the
device if CS is brought high after a minimum of 250 ns
low (TCSL).
Note:
Issuing a Start bit and then taking CS low
will clear the READY/BUSY status from
DO.
VCC must be
≥ 4.5V for proper operation of WRAL.
FIGURE 2-10:
WRAL TIMING FOR 93AA AND 93LC DEVICES
FIGURE 2-11:
WRAL TIMING FOR 93C DEVICES
CS
CLK
DI
DO
HIGH-Z
1
0
0
01
X
•••
X
Dx
•••
D0
HIGH-Z
BUSY
READY
TWL
VCC must be
≥ 4.5V for proper operation of WRAL.
TCSL
TSV
TCZ
CS
CLK
DI
DO
HIGH-Z
1
0
0
01
X
•••
X
Dx
•••
D0
HIGH-Z
BUSY
READY
TWL
TCSL
TSV
TCZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com