Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT4313C Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4313C
Description  6-W Low-Profile Dual-Output Isolated DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4313C Datasheet(HTML) 1 Page - Texas Instruments

  PT4313C Datasheet HTML 1Page - Texas Instruments PT4313C Datasheet HTML 2Page - Texas Instruments PT4313C Datasheet HTML 3Page - Texas Instruments PT4313C Datasheet HTML 4Page - Texas Instruments PT4313C Datasheet HTML 5Page - Texas Instruments PT4313C Datasheet HTML 6Page - Texas Instruments PT4313C Datasheet HTML 7Page - Texas Instruments PT4313C Datasheet HTML 8Page - Texas Instruments PT4313C Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
For technical support or further information, visit http://power.ti.com
Package Top View
Pin-Out Information
Pin
Function
1Vo1 (+)
2
COM
3Vo2 (–)
8
N/C
9
N/C
11 Remote On/Off #
12 ±Vout Adjust #
17 –Vin
18 +Vin
Description
The PT4310 modules are a low-power series
of isolated DC/DC converters that produce a dual
complimentary output. The PT4310 series is
pin-compatible with the PT4300 series, and
has improved temperature compensation. These
modules are an ideal alternative to the PT4300
for both new and existing designs.
Applications include Telecom and Datacom
systems where both board space and height are
a premium.
The PT4310 series is offered in an open-
frame lightweight package, and is available in
both through-hole or SMD-DIP package types.
Models include the standard output voltages,
±5 V, ±12 V, and ±24 V. The output voltages are
adjustable by up to 5%.
PT4310 Series —48V
Features
• Dual Complimentary Outputs
• Wide Input Voltage: 38 V to 75 V
• 1,500 VDC Isolation
• 9 Pin DIP Package
• Low-Profile (8mm)
• Pin-compatible with PT4300 Series
• No External Components Required
• Safety Approvals: UL / cUL 60950
EN 60950
Ordering Information
PT4311
G = ±5 V/1.2 A
PT4313
G = ±12 V/0.5 A
PT4314
G = ±24 V/0.25 A
6-W Low-Profile Dual-Output
Isolated DC/DC Converter
SLTS146B - MARCH 2001 - REVISED MAY 2004
PT4310
11
17
18
1
2
8
+Vin
–Vin
Remote On/Off #
Vo
1 (+)
Vo
2 (–)
N/C
COM
3
9
12
N/C
±Vo Adjust
#
# For more information on the Remote On/Off control and
output voltage adustment, refer to the application notes.
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Horizontal
A
(EGK)
SMD
C
(EGL)
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)


Similar Part No. - PT4313C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4313 TI1-PT4313 Datasheet
146Kb / 7P
6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4313A TI1-PT4313A Datasheet
146Kb / 7P
6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4313B TI1-PT4313B Datasheet
146Kb / 7P
6-W Low-Profile Dual-Output Isolated DC-DC Converter
More results

Similar Description - PT4313C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4240 TI-PT4240 Datasheet
174Kb / 7P
10-W Low-Profile 24V-Input Isolated DC/DC Converter
PT4220 TI-PT4220 Datasheet
193Kb / 8P
10-W Low-Profile 48V-Input Isolated DC/DC Converter
logo
Power Integrations, Inc...
DI-53 POWERINT-DI-53 Datasheet
378Kb / 2P
50 W DC-DC Dual Output Converter
logo
Texas Instruments
PT4711 TI-PT4711 Datasheet
337Kb / 13P
45-W Dual-Output Isolated DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Bothhand USA, LP.
BD-1205S2 BOTHHAND-BD-1205S2 Datasheet
485Kb / 5P
2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
logo
Texas Instruments
PT4833A TI1-PT4833A Datasheet
760Kb / 33P
35-W Triple Output Isolated DC/DC Converter
PT4310 TI1-PT4310 Datasheet
146Kb / 7P
6-W Low-Profile Dual-Output Isolated DC-DC Converter
logo
Bel Fuse Inc.
RDT-6Y BEL-RDT-6Y Datasheet
787Kb / 7P
6 W Isolated DC-DC Converter
15 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com