Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4053 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4053
Description  BNC Male Right Angle Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4053 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4053_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4053_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4053_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Male Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• RG58, RG55, RG141, RG142, RG223, RG400,
RG303, PE-C195, PE-P195, LMR-195 Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 1,000 MHz
• Good VSWR of 1.5:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4053 BNC male right angle connector with clamp/solder attachment for RG58, RG55, RG141, RG142,
RG223, RG400, RG303, PE-C195, PE-P195 and LMR-195 is part of our full line of RF components available for same-day
shipping. Our BNC male connector operates up to a maximum frequency of 1,000 MHz and offers good VSWR of 1.5:1. Its
right angle body geometry allows for easier connections in tight spaces.
Our BNC male right angle connector PE4053 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.5:1
Operating Voltage (AC)
500
Vrms
Dielectric Withstanding Voltage (AC)
1,500
Vrms
.
Mechanical Specifications
Size
Length
1.453 in [36.91 mm]
Width/Dia.
1.102 in [27.99 mm]
.
Weight
0.077 lbs [34.93 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male Right Angle Connector Clamp/Solder Attachment for RG58, RG55, RG141, RG142,
RG223, RG400, RG303, PE-C195, PE-P195, LMR-195 PE4053
PE4053 REV 1.1
BNC Male Right Angle Connector Clamp/Solder
Attachment for RG58, RG55, RG141, RG142, RG223,
RG400, RG303, PE-C195, PE-P195, LMR-195
RF Connectors Technical Data Sheet
PE4053


Similar Part No. - PE4053_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4053 PASTERNACK-PE4053 Datasheet
277Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
More results

Similar Description - PE4053_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4605 PASTERNACK-PE4605_16 Datasheet
328Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/Solder Attachment
PE4606 PASTERNACK-PE4606_16 Datasheet
330Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
PE4607 PASTERNACK-PE4607_16 Datasheet
333Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
PE4023 PASTERNACK-PE4023_16 Datasheet
396Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4024 PASTERNACK-PE4024_16 Datasheet
413Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4084 PASTERNACK-PE4084_16 Datasheet
392Kb / 4P
BNC Male Connector Clamp/Solder Attachment
PE4307 PASTERNACK-PE4307_16 Datasheet
415Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment
PE4379 PASTERNACK-PE4379_17 Datasheet
478Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4386 PASTERNACK-PE4386_16 Datasheet
407Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4387 PASTERNACK-PE4387_16 Datasheet
403Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com