Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8180S Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SC8180S
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SC8180S Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SC8180S Datasheet HTML 1Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 2Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 3Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 4Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 5Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 6Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 7Page - SamHop Microelectronics Corp. SC8180S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SC8180S
www.samhop.com.tw
4
* Note: Connect the mesurement terminal reversely
if you want to measure the FET2 side.
td(on), tr, t d(off), tf
VIN
PW=10 μs
D.C. 1%
VDD=10V
VOUT
R SS (on)
4.5V
VF(S-S)
S2
S1
G2
G1
S2
S1
G2
G1
S1
S2
G1
G2
IS =3A
R L=3.33 W
Qg
S2
S1
G2
G1
Mar,29,2017
Ver 1.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com