Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED365-06Z Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED365-06Z
Description  Ultraviolet Light Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED365-06Z Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED365-06Z Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED365-06Z Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED365-06Z Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED365-06Z Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.roithner-laser.com
1
LED365-06Z
• Ultraviolet Light Emitting Diode
• 365 nm, 5.5 mW
• AlGaN structure
• UV-resistant clear silicone resin
• Integrated Zener Diode
Maximum Rating (T
CASE = 25°C)
Parameter
Symbol
Values
Unit
Min.
Max.
Power Dissipation, DC
PD
200
mW
Forward Current
IF
50
mA
Pulse Forward Current
*
IFP
100
mA
Reverse Voltage
VR
/
V
Thermal Resistance
Rthja
330
K/W
Junction Temperature
TJ
120
°C
Operating Temperature
TOPR
- 40
+ 100
°C
Storage Temperature
TSTG
- 40
+ 100
°C
Soldering Temperature (max 5s)
TSOL
+ 250
°C
* Duty cycle = 1%, pulse width = 10 µs
Electro-Optical Characteristics (T
CASE = 25°C, IF = 20 mA)
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Peak Wavelength
*1
λP
360
365
370
nm
Spectral Width (FWHM)
∆λ
17
nm
Forward Voltage
VF
3.5
4.0
V
VF PULSE
4*
V
Radiated Power
PO
5.5
mW
PO PULSE
30*
mW
Viewing Half Angle
Ө1/2
± 2
deg.
Rise/Fall Time
tf
50/55
ns
*Pulse Condition: Duty cycle = 1%, pulse width = 10 µs, pulse current = 100mA
Description
LED365-06Z is an AlGaN based UV LED, typically emitting at 365nm with a typical output power of 5.5 mW. It comes in a
hermetically sealed UV-resistant clear 5 mm silicone resin, and features an integrated Zener diode for reverse current protection.
LED365-06Z is widely used for UV curing, and imaging of dyes, inks and markers.
rev.1.0 16.02.16


Similar Part No. - LED365-06Z

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED365-66-60 ROITHNER-LED365-66-60 Datasheet
135Kb / 2P
High Power LED Array
More results

Similar Description - LED365-06Z

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
WEJP01BC-WV61 WINNERJOIN-WEJP01BC-WV61 Datasheet
129Kb / 2P
Light Emitting Diode
WEJP01GC-WV63 WINNERJOIN-WEJP01GC-WV63 Datasheet
129Kb / 2P
Light Emitting Diode
WEJS31BC-C66 WINNERJOIN-WEJS31BC-C66 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31GC-CJ3 WINNERJOIN-WEJS31GC-CJ3 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31GC-DL4 WINNERJOIN-WEJS31GC-DL4 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31RC-991 WINNERJOIN-WEJS31RC-991 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31WC-C83 WINNERJOIN-WEJS31WC-C83 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS51BC-EJ6 WINNERJOIN-WEJS51BC-EJ6 Datasheet
222Kb / 4P
Light Emitting Diode
logo
Roithner LaserTechnik G...
B5M-447-380S ROITHNER-B5M-447-380S Datasheet
480Kb / 2P
Ultraviolet Light Emitting Diode
CG4L5111A ROITHNER-CG4L5111A Datasheet
315Kb / 2P
Light Emitting Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com