Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB-MDRIVER-P Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # PCB-MDRIVER-P
Description  LED Mini Driver For Mid-IR LEDs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

PCB-MDRIVER-P Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  PCB-MDRIVER-P Datasheet HTML 1Page - Roithner LaserTechnik GmbH PCB-MDRIVER-P Datasheet HTML 2Page - Roithner LaserTechnik GmbH PCB-MDRIVER-P Datasheet HTML 3Page - Roithner LaserTechnik GmbH PCB-MDRIVER-P Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.roithner-laser.com
2
Driver Layout
front
GND (black)
+5..6 VDC
(yellow)
back
1. LED connection contacts
2. Power input contact (+5 VDC) *
3. Synchronization output contact *
* Power input and synchronization output contacts have common GND wire (black).
Driver Block Diagram
3
1
+
-
2
1
-
+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com