Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL67F6SA Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # QL67F6SA
Description  Red Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

QL67F6SA Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  QL67F6SA Datasheet HTML 1Page - Roithner LaserTechnik GmbH QL67F6SA Datasheet HTML 2Page - Roithner LaserTechnik GmbH QL67F6SA Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.roithner-laser.com
3
Precautions
ESD Caution:
Always do handle laser diodes with extreme caution to prevent electrostatic discharge, the primary
cause of unexpected diode failure. ESD failures can be prevented by always wearing wrist straps, only
using a grounding workplace, and following strict anti-static guidelines when handling the laser diode.
Safety Advice:
This laser diode emits highly concentrated infrared light which can be hazardous to the human eye
and skin. This diode is classified as CLASS 3 laser product according to IEC 60825-1 and 21 CFR
Part 1040.10 Safety Standards.
Operating Considerations:
Operating the laser diode outside of its maximum ratings may cause failure or a safety hazard.
The diode may be damaged by excessive drive currents or switching transients. If the diode is
operated using a power supply, it is strongly recommended to connect the diode with the output
voltage set to zero. The voltage should then be increased slowly and with great caution, while at the
same time carefully monitoring the laser diodes output power and drive current. The laser diode will
show accelerated degradation with increased temperature, and it is advised to keep the case
temperature low therefor, by means of heat sinking the device.
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com