Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL67F6SC Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # QL67F6SC
Description  Red Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

QL67F6SC Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  QL67F6SC Datasheet HTML 1Page - Roithner LaserTechnik GmbH QL67F6SC Datasheet HTML 2Page - Roithner LaserTechnik GmbH QL67F6SC Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.roithner-laser.com
1
QL67F6S Series
Description
QL76F6S series are MOCVD grown band Gain-Guided type InGaAlP Laser Diode with quantum
well structure. They are emitting at typical 670 nm with rated output power of 10 mW CW at room
temperature. The 5.6 mm TO package includes a cap and flat window, and contains a built in
monitor PD.
Maximum Ratings
Parameter
Symbol
Values
Unit
Min.
Max.
Optical Output Power
PO
12
mW
Laser Diode Reverse Voltage
VLDR
2
V
Photo Diode Reverse Voltage
VPDR
30
V
Operating Temperature
TCASE
-10
+60
°C
Storage Temperature
TSTG
-40
+85
°C
Soldering Temperature
TSOLD
°C
Specifications (TCASE=25°C)
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Peak Wavelength
λ
P
660
670
680
nm
Optical Output Power
PO
-
10
-
mW
Threshold Current
ITH
-
40
60
mA
Forward Current
IOP
-
50
70
mA
Forward Voltage
VOP
-
2.3
2.6
V
Beam Divergence
ӨII
7
8
11
deg.
Beam Divergence
Ө┴
24
32
35
deg.
Beam Angle
ΔӨII
±1.5
deg.
Beam Angle
ΔӨ┴
±2.5
deg.
Positional Accuracy
ΔX, ΔY, ΔZ
-
-
±60
µm
Mode Structure
SM
-
Monitor Current
IM
0.1
0.3
0.5
mA
rev 2.0 13.11.2015


Similar Part No. - QL67F6SC

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
QL67F6S-A ROITHNER-QL67F6S-A Datasheet
86Kb / 5P
LASER DIODE SPECIFICATIONS
QL67F6S-B ROITHNER-QL67F6S-B Datasheet
86Kb / 5P
LASER DIODE SPECIFICATIONS
QL67F6S-C ROITHNER-QL67F6S-C Datasheet
86Kb / 5P
LASER DIODE SPECIFICATIONS
More results

Similar Description - QL67F6SC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT050PS SHARP-LT050PS Datasheet
23Kb / 1P
Red Laser Diode
logo
Sanyo Semicon Device
DL-3147-065 SANYO-DL-3147-065 Datasheet
35Kb / 2P
RED LASER DIODE
DL-LS1034 SANYO-DL-LS1034 Datasheet
43Kb / 2P
RED LASER DIODE
DL-LS1032 SANYO-DL-LS1032 Datasheet
23Kb / 1P
RED LASER DIODE
DL-3247-165 SANYO-DL-3247-165 Datasheet
38Kb / 2P
RED LASER DIODE
logo
Roithner LaserTechnik G...
S6305MG ROITHNER-S6305MG Datasheet
213Kb / 5P
Red Laser Diode
QL63D5SA ROITHNER-QL63D5SA Datasheet
235Kb / 5P
red laser diode
RLTMRL-3-635 ROITHNER-RLTMRL-3-635 Datasheet
205Kb / 5P
Red Diode Laser
RLTMRL-3-655 ROITHNER-RLTMRL-3-655 Datasheet
195Kb / 1P
red diode laser
RLTMRL-685 ROITHNER-RLTMRL-685 Datasheet
181Kb / 1P
red diode laser
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com