Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8481 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8481
Description  TTL to 10k ECL Level Translator with Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8481 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DP8481 Datasheet HTML 1Page - National Semiconductor (TI) DP8481 Datasheet HTML 2Page - National Semiconductor (TI) DP8481 Datasheet HTML 3Page - National Semiconductor (TI) DP8481 Datasheet HTML 4Page - National Semiconductor (TI) DP8481 Datasheet HTML 5Page - National Semiconductor (TI) DP8481 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics (Notes 2 and 4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPD1
Strobe To Output Delay
15
30
60
ns
tPD2
Data To Output Delay
25
45
75
ns
tS
Data Set-Up Time to Strobe
50
20
ns
tH
Data Hold Time
10
0
ns
tPW
Strobe Pulse Width
50
30
ns
tPD3
Chip Select to Output Delay
10
25
40
ns
tSCS
Data Set-Up Time to Chip Select
55
30
ns
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the device
should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation
Note 2
Unless otherwise specified minmax limits apply across the 0 Cto75 C ambient temperature range in still air and across the specified supply variations
All typical values are for 25 C and nominal supply
Note 3
All currents into device pins are shown as positive all currents out of device pins are shown as negative All voltages are referenced to ground unless
otherwise specified
Note 4
Unless otherwise specified all AC measurements are referenced from the 15V level of the TTL input and tofrom the 50% point of the ECL signal and a
50X resistor to b2V is the load ECL input rise and fall times are 20 ns g02 ns from 20% to 80% TTL input characteristic is 0V to 3V with tretfs3 ns measured
from 10% to 90%
Switching Time Waveforms
TLF5862 – 2
TLF5862 – 3
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com