Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8481J Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8481J
Description  TTL to 10k ECL Level Translator with Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8481J Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP8481J Datasheet HTML 1Page - National Semiconductor (TI) DP8481J Datasheet HTML 2Page - National Semiconductor (TI) DP8481J Datasheet HTML 3Page - National Semiconductor (TI) DP8481J Datasheet HTML 4Page - National Semiconductor (TI) DP8481J Datasheet HTML 5Page - National Semiconductor (TI) DP8481J Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
VEE Supply Voltage
b
8V
VCC Supply Voltage
7V
Input Voltage (ECL)
GND to VEE
Input Voltage (TTL)
b
1V to 55V
Output Current
50 mA
Maximum Power Dissipation at 25 C
Molded Package
1476 mW
Storage Temperature
b
65 Cto a150 C
Derate molded package 118 mW C above 25 C
Recommended Operating Conditions
VEE Supply Voltage
b
52V g10%
VCC Supply Voltage
50V g10%
TA Ambient Temperature
0 Cto75 C
Electrical Characteristics (TTL Logic) (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIL
Input Low Voltage
08
V
VIH
Input High Voltage
20
V
IIL
Input Low Current
VINe05V
b
25
b
200
m
A
IIH
Input High Current
VINe25V
10
40
m
A
VCLAMP
Input Clamp Voltage
IINeb12 mA
b
09
b
12
V
ICC
Supply Current
VCCe55V
10
20
mA
Electrical Characteristics (ECL Logic) (Notes 2 and 3)
Symbol
Parameter
Conditions
TA
Min
Typ
Max
Units
VIL
Input Low Voltage
VEEeb52V
0 C
b
1870
b
1490
25 C
b
1850
b
1475
mV
75 C
b
1830
b
1450
VIH
Input High Voltage
VEEeb52V
0 C
b
1145
b
840
25 C
b
1105
b
810
mV
75 C
b
1045
b
720
IIL
Input Low Current
VINeb18V
55
150
m
A
IIH
Input High Current
VINeb08V
85
200
m
A
VOL
Output Low Voltage
VEEeb52V
0 C
b
1870
b
1665
25 C
b
1850
b
1650
mV
75 C
b
1830
b
1625
VOH
Output High Voltage
VEEeb52V
0 C
b
1000
b
840
25 C
b
960
b
810
mV
75 C
b
900
b
720
VOLC
Output Low Voltage
VEEeb52V
0 C
b
1645
25 C
b
1630
mV
75 C
b
1605
VOHC
Output High Voltage
VEEeb52V
0 C
b
1020
25 C
b
980
mV
75 C
b
920
IEE
Supply Current
VEEeb57V
b
70
b
90
mA
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com