Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54523P Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M54523P
Description  7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54523P Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M54523P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54523P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54523P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54523P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Jan.2000
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54523P/FP
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
Collector current IcC (mA)
Grounded Emitter Transfer Characteristics
DC Amplification Factor
Collector Current Characteristics
Input voltage VI (V)
Input Characteristics
Input voltage VI (V)
Clamping Diode Characteristics
Forward bias voltage VF (V)
0
4
8
12
16
0
8
16
24
32
Ta = –20
°C
Ta = 25
°C
Ta = 75
°C
101
102
103
3
5
7
104
3
5
7
102
35
7
103
35
7
VCE = 4V
Ta = –20
°C
Ta = 25
°C
Ta = 75
°C
0
0
100
200
300
400
500
1
2345
VCE = 4V
Ta = –20
°C
Ta = 25
°C
Ta = 75
°C
0
100
200
300
400
500
0
2.0
0.5
1.0
1.5
Ta = –20
°C
Ta = 25
°C
Ta = 75
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com